Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMR7912NM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OMR7912NM
Description  300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR7912NM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OMR7912NM Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR7912NM Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR7912NM Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR7912NM Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR7912NM Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR7912NM Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR7912NM Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR7912NM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Voltage Output
-5.150
-5.100
-5.050
-5.000
-4.950
-4.900
-4.850
1
10
100
1000
Radiation Total Dose (krads)
OMR7905STM
conditions:
I
load =
5ma to 1A
Typical Load Regulation
-20.00
-16.00
-12.00
-8.00
-4.00
0.00
1
10
100
1000
Radiation Total Dose (krads)
OMR7905STM
conditions: Iload =
-5ma to -1.5A
Typical Line Regulation
0.00
2.00
4.00
6.00
8.00
10.00
12.00
1
10
100
1000
Radiation Total Dose (krads)
OMR7905STM
conditions: Vin = -7.5V to -20v
Typical Short Circuit Current
-3.300
-3.100
-2.900
-2.700
-2.500
-2.300
-2.100
-1.900
-1.700
-1.500
1
10
100
1000
Radiation Total Dose (krads)
OMR7905STM
conditions: Vin = -10V
TYPICAL RADIATION CURVES
OMR7905NH
OMR7912NH
OMR7915NH
OMR7905NM
OMR7912NM
OMR7915NM
OMR7905ST
OMR7912ST
OMR7915ST
OMR7905SR
OMR7912SR
OMR7915SR


Similar Part No. - OMR7912NM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR7805NH ETC-OMR7805NH Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR7805NM ETC-OMR7805NM Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR7805SR ETC-OMR7805SR Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR7805ST ETC-OMR7805ST Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OMR7912NM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8609 AEROFLEX-VRG8609 Datasheet
130Kb / 6P
   Dual Adjustable Negative Voltage Regulators Radiation Tolerant
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
   Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
   3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
   5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
logo
Seme LAB
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com