Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP2270 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # VSP2270
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2270 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VSP2270 Datasheet HTML 3Page - Texas Instruments VSP2270 Datasheet HTML 4Page - Texas Instruments VSP2270 Datasheet HTML 5Page - Texas Instruments VSP2270 Datasheet HTML 6Page - Texas Instruments VSP2270 Datasheet HTML 7Page - Texas Instruments VSP2270 Datasheet HTML 8Page - Texas Instruments VSP2270 Datasheet HTML 9Page - Texas Instruments VSP2270 Datasheet HTML 10Page - Texas Instruments VSP2270 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
VSP2270
SLES019 – DECEMBER 2001
7
www.ti.com
timing specification
VSP2270 CDS
CCD
Output
Signal
SHP
(See
Note 9)
SHD
(See
Note 9)
ADCCK
B[9:0]
N+1
N
N+2
N+3
tw(P)
tw(D)
t(PD)
t(DP)
t(S)
t(S)
t(CKP)
t(CKP)
t(CKP)
t(ADC)
t(ADC)
t(INHIBIT)
th(O)
td(O)
N–10
N–11
N–9N–8N–7
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(CKP)
Clock period
35
ns
t(ADC)
ADCCK high/low pulse width
17
ns
tw(P)
SHP pulse width
8
ns
tw(D)
SHD pulse width
8
ns
t(PD)
SHP trailing edge to SHD leading edge (see Note 9)
8
ns
t(DP)
SHD trailing edge to SHP leading edge (see Note 9)
8
ns
t(S)
Sampling delay
3
ns
t(INHIBIT)
Inhibited clock period
20
ns
th(O)
Output hold time
2
ns
td(O)
Output delay (no load)
22
ns
DL
Data latency, normal operation mode
9 (fixed)
Clock
Cycles
NOTES:
9. The description and the timing diagrams in this data sheet are all based on the polarity of active low (default value).
10. The user can select the active polarity (active low or active high) through the serial interface, refer to the serial interface section for
details.
11. Output hold time is specified at additional output delay = 0 ns, refer to the serial interface section for details.


Similar Part No. - VSP2270

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2270 TI1-VSP2270 Datasheet
511Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2270M TI1-VSP2270M Datasheet
511Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2270M/2K TI1-VSP2270M/2K Datasheet
511Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2270Y TI1-VSP2270Y Datasheet
511Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2270Y/2K TI1-VSP2270Y/2K Datasheet
511Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
More results

Similar Description - VSP2270

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2232 TI-VSP2232 Datasheet
248Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2272 TI-VSP2272 Datasheet
282Kb / 10P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2101 BURR-BROWN-VSP2101 Datasheet
184Kb / 12P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2212 TI1-VSP2212_16 Datasheet
529Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com