Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2002 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA2002
Description  32 kHz watch circuit with programmable output period and pulse width
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2002 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA2002 Datasheet HTML 1Page - NXP Semiconductors PCA2002 Datasheet HTML 2Page - NXP Semiconductors PCA2002 Datasheet HTML 3Page - NXP Semiconductors PCA2002 Datasheet HTML 4Page - NXP Semiconductors PCA2002 Datasheet HTML 5Page - NXP Semiconductors PCA2002 Datasheet HTML 6Page - NXP Semiconductors PCA2002 Datasheet HTML 7Page - NXP Semiconductors PCA2002 Datasheet HTML 8Page - NXP Semiconductors PCA2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2004 Jan 20
4
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
output period and pulse width
PCA2002
handbook, halfpage
MBL569
PCA2002T
1
2
3
4
VSS
i.c.
OSCIN
OSCOUT
RESET
MOT2
MOT1
VDD
8
7
6
5
Fig.2 Pin configuration PMFP8.
001aaa284
PCA2002TK
RESET
i.c.
VSS
MOT2
OSCIN
MOT1
OSCOUT
VDD
n.c.
n.c.
1
10
2
9
3
8
4
7
5
6
terminal 1
index area
Fig.3 Pin configuration HVSON10.
Bottom view
FUNCTIONAL DESCRIPTION
Motor pulse
The motor driver delivers pulses with an alternating
polarity. The output waveform across the motor terminals
is illustrated in Fig.4. Between the motor pulses, both
terminals are connected to VDD which means that the
motor is short-circuited.
The following parameters can be selected and are stored
in a One Time Programmable (OTP) memory:
• Output periods of 1 s, 5 s, 10 s, 20 s and 30 s
• Pulse width (tp) between 0.98 ms and 7.8 ms in steps of
0.98 ms
• Full or chopped (75 %) output pulse
• Pulse stretching: an enlargement pulse is added to the
primary motor pulse. This enlargement pulse has a duty
cycle of 25 % and a width which is twice the
programmed motor pulse width.
handbook, full pagewidth
full pulse
MGU718
chopped
pulse
full pulse
with stretching
chopped pulse
with stretching
period
tp
2tp
tp
2tp
Fig.4 Motor output waveforms.


Similar Part No. - PCA2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2002 NXP-PCA2002 Datasheet
124Kb / 25P
   32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
PCA2002CX8/5/1 NXP-PCA2002CX8/5/1 Datasheet
124Kb / 25P
   32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
PCA2002U/10AB/1 NXP-PCA2002U/10AB/1 Datasheet
124Kb / 25P
   32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
PCA2002U/AB/1 NXP-PCA2002U/AB/1 Datasheet
124Kb / 25P
   32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
More results

Similar Description - PCA2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2002 NXP-PCA2002 Datasheet
124Kb / 25P
   32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
PCA2003 NXP-PCA2003 Datasheet
108Kb / 21P
   32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 01-15 December 2008
PCA2003 NXP-PCA2003_09 Datasheet
118Kb / 21P
   32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 02-21 July 2009
PCA2000 PHILIPS-PCA2000 Datasheet
120Kb / 19P
   32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2001 NXP-PCA2001 Datasheet
140Kb / 28P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2000 NXP-PCA2000_10 Datasheet
609Kb / 30P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 08-23 August 2010
PCA146X NXP-PCA146X Datasheet
115Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA1461U NXP-PCA1461U Datasheet
100Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA148X NXP-PCA148X Datasheet
104Kb / 20P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA16XX NXP-PCA16XX Datasheet
81Kb / 16P
   32 kHz watch circuits with EEPROM
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com