Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4451GJG Datasheet(PDF) 10 Page - Texas Instruments

Part # PCI4451GJG
Description  PC CARD AND OHCI CONTROLLER
Download  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451GJG Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCI4451GJG Datasheet HTML 6Page - Texas Instruments PCI4451GJG Datasheet HTML 7Page - Texas Instruments PCI4451GJG Datasheet HTML 8Page - Texas Instruments PCI4451GJG Datasheet HTML 9Page - Texas Instruments PCI4451GJG Datasheet HTML 10Page - Texas Instruments PCI4451GJG Datasheet HTML 11Page - Texas Instruments PCI4451GJG Datasheet HTML 12Page - Texas Instruments PCI4451GJG Datasheet HTML 13Page - Texas Instruments PCI4451GJG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 216 page
background image
x
List of Tables
Table
Title
Page
2–1
GFN Terminals Sorted Alphanumerically for CardBus // 16-Bit Signals
and OHCI
2–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–2
CardBus PC Card Signal Names Sorted Alphanumerically to GFN
Terminal Number
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–3
16-Bit PC Card Signal Names Sorted Alphanumerically to GFN
Terminal Number
2–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–4
GJG Terminals Sorted Alphanumerically for CardBus // 16-Bit Signals
and OHCI
2–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–5
CardBus PC Card Signal Names Sorted Alphanumerically to GJG
Terminal Number
2–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–6
16-Bit PC Card Signal Names Sorted Alphanumerically to GJG
Terminal Number
2–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–7
Power Supply Terminals
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–8
PC Card Power Switch Terminals
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–9
PCI System Terminals
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–10
PCI Address and Data Terminals
2–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–11
PCI Interface Control Terminals
2–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–12
System Interrupt Terminals
2–17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–13
PC/PCI DMA Terminals
2–17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–14
Zoomed Video Terminals
2–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–15
Miscellaneous Terminals
2–19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–16
16-Bit PC Card Address and Data Terminals (slots A and B)
2–20
. . . . . . . . . .
2–17
16-Bit PC Card Interface Control Terminals (slots A and B)
2–21
. . . . . . . . . . .
2–18
CardBus PC Card Interface System Terminals (slots A and B)
2–23
. . . . . . . .
2–19
CardBus PC Card Address and Data Terminals (slots A and B)
2–24
. . . . . . .
2–20
CardBus PC Card Interface Control Terminals (slots A and B)
2–25
. . . . . . . .
2–21
IEEE 1394 PHY/Link Interface Terminals
2–26
. . . . . . . . . . . . . . . . . . . . . . . . . . .
3–1
EEPROM–OHCI Bit Mapping
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–2
EEPROM–ExCA Bit Mapping
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–3
PCI Registers and Bits Loadable Through Serial EEPROM
3–7
. . . . . . . . . . .
3–4
PC Card – Card Detect and Voltage Sense Connections
3–9
. . . . . . . . . . . . .
3–5
Distributed DMA Registers
3–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–6
CardBus Socket Registers
3–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–7
PC Card Interrupt Events and Description
3–17
. . . . . . . . . . . . . . . . . . . . . . . . . .
3–8
PCI4451 Interrupt Masks and Flags Registers
3–18
. . . . . . . . . . . . . . . . . . . . . .
3–9
Interrupt Terminal Register Cross Reference
3–18
. . . . . . . . . . . . . . . . . . . . . . .
4–1
Functions 0 and 1 PCI Configuration Register Map
4–1
. . . . . . . . . . . . . . . . . .
4–2
PCI Command Register Description
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–3
Status Register Description
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - PCI4451GJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4450 TI-PCI4450 Datasheet
1Mb / 197P
[Old version datasheet]   PC Card and OHCI Controller
PCI4450GFN TI-PCI4450GFN Datasheet
1Mb / 197P
[Old version datasheet]   PC Card and OHCI Controller
PCI4450GJG TI-PCI4450GJG Datasheet
1Mb / 197P
[Old version datasheet]   PC Card and OHCI Controller
More results

Similar Description - PCI4451GJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4410A TI-PCI4410A Datasheet
892Kb / 198P
[Old version datasheet]   PC CARD AND OHCI CONTROLLER
PCI4410 TI-PCI4410 Datasheet
841Kb / 201P
[Old version datasheet]   PC Card and OHCI Controller
PCI4450 TI-PCI4450 Datasheet
1Mb / 197P
[Old version datasheet]   PC Card and OHCI Controller
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510 TI-PCI4510 Datasheet
1Mb / 220P
[Old version datasheet]   PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
TSB82AA2B TI1-TSB82AA2B_14 Datasheet
539Kb / 102P
[Old version datasheet]   OHCI-Lynx Controller
PCI7410 TI-PCI7410 Datasheet
41Kb / 4P
[Old version datasheet]   PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI7610 TI-PCI7610 Datasheet
1Mb / 240P
[Old version datasheet]   PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI-PCI4520 Datasheet
1Mb / 211P
[Old version datasheet]   DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com