Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMN27UN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMN27UN
Description  TrenchMOS ultra low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMN27UN Datasheet(HTML) 5 Page - NXP Semiconductors

  PMN27UN Datasheet HTML 1Page - NXP Semiconductors PMN27UN Datasheet HTML 2Page - NXP Semiconductors PMN27UN Datasheet HTML 3Page - NXP Semiconductors PMN27UN Datasheet HTML 4Page - NXP Semiconductors PMN27UN Datasheet HTML 5Page - NXP Semiconductors PMN27UN Datasheet HTML 6Page - NXP Semiconductors PMN27UN Datasheet HTML 7Page - NXP Semiconductors PMN27UN Datasheet HTML 8Page - NXP Semiconductors PMN27UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
PMN27UN
TrenchMOS™ ultra low level FET
Product data
Rev. 01 — 27 September 2002
5 of 12
9397 750 10189
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 µA; VGS = 0 V
20
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9
0.4
0.7
-
V
IDSS
drain-source leakage current
VDS =16V; VGS =0V
Tj =25 °C
-
0.01
1.0
µA
Tj =55 °C
--10
µA
IGSS
gate-source leakage current
VGS = ±8 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS = 4.5 V; ID =2A; Figure 7 and 8
-
2734m
VGS = 2.5 V; ID =2A; Figure 7 and 8
-
3240m
VGS = 1.8 V; ID = 1.5 A; Figure 7 and 8
-
3956m
Dynamic characteristics
Qg(tot)
total gate charge
VDD =10V; VGS = 4.5 V; ID = 3.8 A; Figure 13
-
10.6
-
nC
Qgs
gate-source charge
-
1.8
-
nC
Qgd
gate-drain (Miller) charge
-
2.1
-
nC
Ciss
input capacitance
VGS =0V; VDS = 10 V; f = 1 MHz; Figure 11
-
740
-
pF
Coss
output capacitance
-
185
-
pF
Crss
reverse transfer capacitance
-
125
-
pF
td(on)
turn-on delay time
VDD =10V; RD =10 Ω; VGS = 4.5 V; RG =6 Ω
-
8.5
-
ns
tr
rise time
-
14.5
-
ns
td(off)
turn-off delay time
-
55
-
ns
tf
fall time
-16
-
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 1.7 A; VGS =0V; Figure 12
-
0.8
1.2
V


Similar Part No. - PMN27UN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN27UN NEXPERIA-PMN27UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
logo
VBsemi Electronics Co.,...
PMN27UN VBSEMI-PMN27UN Datasheet
474Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - PMN27UN

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV40UN ZPSEMI-PMV40UN Datasheet
186Kb / 3P
   TrenchMOS??ultra low level FET
logo
NXP Semiconductors
PSMN006-20K PHILIPS-PSMN006-20K Datasheet
240Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-30 May 2002
PMN34UN PHILIPS-PMN34UN Datasheet
234Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-26 February 2003
PMV40UN PHILIPS-PMV40UN Datasheet
241Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-05 August 2003
PMN28UN PHILIPS-PMN28UN Datasheet
237Kb / 12P
   TrenchMOS??ultra low level FET
Rev. 01-27 September 2002
logo
Nexperia B.V. All right...
PMN28UN NEXPERIA-PMN28UN Datasheet
341Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMN27UN NEXPERIA-PMN27UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMV40UN NEXPERIA-PMV40UN Datasheet
345Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 05 August 2003
PMV30UN NEXPERIA-PMV30UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 25 June 2003
PH2520U NEXPERIA-PH2520U Datasheet
699Kb / 12P
   N-channel TrenchMOS ultra low level FET
Rev. 03 - 2 March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com