Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVR33 Datasheet(PDF) 6 Page - International Rectifier

Part # PVR33
Description  Microelectronic Power IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR33 Datasheet(HTML) 6 Page - International Rectifier

  PVR33 Datasheet HTML 1Page - International Rectifier PVR33 Datasheet HTML 2Page - International Rectifier PVR33 Datasheet HTML 3Page - International Rectifier PVR33 Datasheet HTML 4Page - International Rectifier PVR33 Datasheet HTML 5Page - International Rectifier PVR33 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series PVR33
6
Replaced by PVR33N
OBSOLETE
Case Outline
(Dimensions in inches (millimeters))
Mechanical Specifications:
Package: 16-pin DIP
Tolerances: .015 (.38) unless otherwise specified
Case Material: molded epoxy
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105
http://www.irf.com/ Data and specifications subject to change without notice.
12/6/2000


Similar Part No. - PVR33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR3300N IRF-PVR3300N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVR3300NPBF IRF-PVR3300NPBF Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVR3301N IRF-PVR3301N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVR3301NPBF IRF-PVR3301NPBF Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
More results

Similar Description - PVR33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVG612S IRF-PVG612S Datasheet
1Mb / 5P
   Microelectronic Power IC
PVY116 IRF-PVY116 Datasheet
74Kb / 5P
   Microelectronic Power IC
logo
Infineon Technologies A...
PVT322PBF INFINEON-PVT322PBF Datasheet
933Kb / 7P
   Microelectronic Power IC
2016-08-29
logo
International Rectifier
IRGP4050PBF IRF-IRGP4050PBF Datasheet
245Kb / 5P
   Microelectronic Power IC
PVA10 IRF-PVA10 Datasheet
89Kb / 6P
   Microelectronic Power IC BOSFET Photovoltaic Relay
DPA4119 IRF-DPA4119 Datasheet
110Kb / 4P
   DPA Series Microelectronic Power IC Relay
PVT312LS-T IRF-PVT312LS-T Datasheet
118Kb / 5P
   Microelectronic Power IC Power MOSFET Photovoltaic Relay
65336 IRF-65336 Datasheet
254Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
PVT312LPBF IRF-PVT312LPBF Datasheet
1Mb / 5P
   Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVN012PBF IRF-PVN012PBF Datasheet
1Mb / 5P
   Series PVN012PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com