Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM75E2Y-H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # QM75E2Y-H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM75E2Y-H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  QM75E2Y-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor QM75E2Y-H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Feb.1999
MITSUBISHI TRANSISTOR MODULES
QM75E2Y/E3Y-H
HIGH POWER SWITCHING USE
INSULATED TYPE
ELECTRICAL CHARACTERISTICS (Diode part (D2), Tj=25
°C)
Symbol
IRRM
VFM
trr
Qrr
Rth (j-c)
Rth (c-f)
Parameter
Repetitive peak reverse current
Forward voltage
Reverse recovery time
Reverse recovery charge
Thermal resistance
Contact thermal resistance
Test conditions
VR=VRRM, Tj=150
°C
IF=75A
IF=75A, di/dt=–150A/
µs, VR=300V, Tj=150°C
Junction to case
Conductive grease applied (case to fin)
Unit
mA
V
µs
µC
°C/W
°C/W
Limits
Min.
Typ.
Max.
1.0
1.5
0.9
30
0.6
0.15
PERFORMANCE CURVES
COMMON EMITTER INPUT
CHARACTERISTIC (TYPICAL)
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER VOLTAGE
VCE (V)
COLLECTOR CURRENT
IC (A)
COLLECTOR CURRENT
IC (A)
BASE-EMITTER VOLTAGE
VBE (V)
COMMON EMITTER OUTPUT
CHARACTERISTICS (TYPICAL)
DC CURRENT GAIN VS.
COLLECTOR CURRENT (TYPICAL)
1
10
0
10
7
5
4
3
2
–1
10
7
5
4
3
2
1.0
1.4
1.8
2.2
2.6
3.0
VCE=2.0V
Tj=25°C
200
160
120
80
40
0
01
2
3
4
5
Tj=25°C
IB=2.0A
IB=1.5A
IB=1.0A
IB=0.5A
3
10
7
5
4
3
2
2
10
7
5
4
3
2
0
10
23 4 5 7
1
10
23 4 5 7
2
10
2
VCE=5.0V
Tj=25°C
Tj=125°C
VCE=2.0V
1
10
7
5
4
3
2
0
10
7
5
4
3
2
–1
10
1
10
23 4 5 7
2
10
23 4 5 7
3
10
Tj=25°C
Tj=125°C
VBE(sat)
VCE(sat)
IB=1A


Similar Part No. - QM75E2Y-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM75E2Y-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com