Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ7910CI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PJ7910CI
Description  3-Terminal Negative Output Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ7910CI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PJ7910CI Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ7910CI Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ7910CI Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ7910CI Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ7910CI Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ7910CI Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ7910CI Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ7910CI Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ7910CI Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PJ7900 Series
3-Terminal Negative Output Voltage Regulators
6-9
2002/10.rev.A
(Vin=-33V, Iout=500mA, Cin=2uF, Cout=1uF; Tj=0℃ to 125℃, unless otherwise specified.)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Tj=25
-23.07
-24
-24.96
V
Output Voltage
Vo
1
Vi=-27 to -38V, Io=5mA to 1A, PD<15W
-22.85
-24
-25.20
V
Tj=25
Vi=-27 to -38V
--
18
480
mV
Line Regulation
REGline
1
Vi=-30 to -36V
--
6
240
mV
Tj=25
Io=5mA to 1.5A
--
12
480
mV
Load Regulation
REGload
1
Io=250mA to 750mA
--
4
240
mV
Quiescent Current
Iq
2
Tj=25
--
3
5
mA
Vi=-27 to -38V, Tj=25
--
--
1
mA
Quiescent Current Change
ΔIq
2
Io=5mA to 1.5A, Tj=25
--
--
0.5
mA
Output Noise Voltage
Vn
1
f=10Hz to 100KHz, Ta=25
--
170
--
μV
Ripple Rejection Ratio
RR
3
Vi=-28 to -38V, Io=100mA, f=120Hz
50
65
--
dB
Min. I/O Voltage Difference
Vdif
Io=1A, Tj=25
--
1.1
--
V
Peak Output Current
Io-peak
1
Tj=25
--
2.1
--
A
Output Voltage
Tempoerature Coefficient
ΔVo/Ta
1
Io=5mA, Tj=0 to 125
--
-1
--
mV/
Note: The specified condition Tj=25means that the test should be carried out with the test time so short (within 10mS), that the drift in
characteristic value due to the rise in chip junction temperature can be ignored.
PJ7924 ELECTRICAL CHARACTERISTICS


Similar Part No. - PJ7910CI

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJ79L05SQ PJSEMI-PJ79L05SQ Datasheet
1Mb / 4P
   3-Terminal Negative Voltage Regulator
More results

Similar Description - PJ7910CI

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM7900 FCI-LM7900 Datasheet
551Kb / 7P
   3-Terminal Negative Output Voltage Regulators
logo
List of Unclassifed Man...
LM7900 ETC-LM7900 Datasheet
547Kb / 7P
   3- TERMINAL NEGATIVE OUTPUT VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L00 FCI-LM79L00_1 Datasheet
2Mb / 7P
   LM79L00 Series 3-Terminal Negative Output Voltage Regulators
logo
GTM CORPORATION
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XX GTM-GU79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com