Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS8953 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # RS8953
Description  High-Bit-Rate Digital Subscriber Line (HDSL) channel unit
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RS8953 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  RS8953 Datasheet HTML 1Page - Synaptics Incorporated. RS8953 Datasheet HTML 2Page - Synaptics Incorporated. RS8953 Datasheet HTML 3Page - Synaptics Incorporated. RS8953 Datasheet HTML 4Page - Synaptics Incorporated. RS8953 Datasheet HTML 5Page - Synaptics Incorporated. RS8953 Datasheet HTML 6Page - Synaptics Incorporated. RS8953 Datasheet HTML 7Page - Synaptics Incorporated. RS8953 Datasheet HTML 8Page - Synaptics Incorporated. RS8953 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 173 page
background image
Data Sheet
D8953BDSB
March 30, 1999
RS8953B/8953SPB
HDSL Channel Unit
The RS8953B is a High-Bit-Rate Digital Subscriber Line (HDSL) channel unit designed
to perform data, clock, and format conversions necessary to construct a Pulse Code
Multiplexed (PCM) channel from one, two, or three HDSL channels. The PCM channel
consists of transmit and receive data, clock and frame sync signals configured for
standard T1 (1544 kbps), standard E1 (2048 kbps), or custom (Nx64 kbps) formats.
The PCM channel connects directly to a Bt8370 T1/E1 Controller or similar T1/E1 device.
Connection to other network/subscriber physical layer devices is supported by the
custom PCM frame format. Three identical HDSL channel interfaces consist of serial
data and clock connected to a Bt8970 HDSL Transceiver or similar 2B1Q bit pump
device. The RS8953SPB contains one HDSL channel interface.
Control and status registers are accessed via the Microprocessor Unit (MPU)
interface. One common register group configures the PCM interface formatter,
Pseudo-Random Bit Sequence (PRBS) generator, Bit Error Rate (BER) meter, timeslot
router, Digital Phase Lock Loop (DPLL) clock recovery, and PCM Loopbacks (LB). Three
groups of HDSL channel registers configure the elastic store FIFOs, overhead MUXes,
receive framers, payload mappers, and HDSL loopbacks. Status registers monitor
received overhead, DPLL, FIFO, and framer operations, including CRC and FEBE error
counts.
The RS8953B adheres to Bellcore TA-NWT-001210 and FA-NWT-001211 and the
latest ETSI RTR/TM-03036 standards. C-language software for all standard T1/E1
configuration and startup procedures is implemented on Conexant's HDSL Evaluation
Module (Bt8973EVM) and is available under a no-fee license agreement. RS8953B
software can also be developed for non-standard HDSL applications or to interoperate
with existing HDSL equipment.
Functional Block Diagram
Distinguishing Features
Supports All HDSL Bit Rates
– 2 pair T1 standard (784 kbps)
– 2 pair E1 standard (1168 kbps)
– 3 pair E1 standard (784 kbps)
– 1/2/3 pair custom (Nx64 kbps,
N=2-36)
T1/E1 Primary Rate (PCM) Channel
– Connects to Conexant E1/T1
Framers
– Framed or unframed mode
– Sync/Async payload mapping
– Clock recovery/jitter attenuation
– PRBS/fixed test patterns
– BER measurement
HDSL Channels
– Connects to Conexant ZipWire
Transceivers
– Three independent serial channels
– Central, remote, or repeater
– Overhead (HOH) management
– Programmable path delays
– Error performance monitoring
– Software controlled EOC and IND
– Auxiliary payload/Z-bit data link
– Master loop ID and interchange
– Auto tip/ring reversal
Programmable Data Routing
– PCM timeslots – HDSL payload
– Drop/Insert – HDSL payload
– Auxiliary – HDSL payload
– PRBS/Fixed – PCM or HDSL
– PCM and HDSL loopbacks
•Intel® or Motorola® MPU interface
CMOS technology, 3.3 V operation
68-pin PLCC or 80-pin PQFP
Applications
Full, Fractional or Multipoint T1/E1
Single and Multichannel Repeaters
Voice Pair Gain Systems
Wireless LAN/PBX
PCS, Cellular Base Station
Fiber Access/Distribution
Loop Carrier, Remote Switches
Subscriber Line Modem
MPU
Registers
DPLL
Receive
Framer
Payload
Mapper
Elastic
Store
Stuff
2B1Q
Decoder
LB
Mapper
HOH Mux
2B1Q
Encoder
Elastic
Store
LB
PRBS
BER
HDSL
Channels
1, 2, 3
Drop
Insert
PCM
Channel
Microprocessor
PLL Filter


Similar Part No. - RS8953

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RS8973 CONEXANT-RS8973 Datasheet
216Kb / 2P
   High Speed, Low Power Single-Chip SDSL/HDSL Transceiver
More results

Similar Description - RS8953

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28953-DSH-001-A MA-COM-28953-DSH-001-A Datasheet
2Mb / 173P
   HDSL Channel Unit
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
   Asymmetric Digital Subscriber Line
logo
M/A-COM Technology Solu...
28953-DSH-001-A MA-COM-28953-DSH-001-A_15 Datasheet
2Mb / 173P
   HDSL Channel Unit
logo
NEC
UPD9903 NEC-UPD9903 Datasheet
135Kb / 28P
   UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
logo
Siemens Semiconductor G...
PEB4065 SIEMENS-PEB4065 Datasheet
237Kb / 29P
   High Voltage Subscriber Line IC
logo
Infineon Technologies A...
PEB3265FV1.5 INFINEON-PEB3265FV1.5 Datasheet
4Mb / 374P
   Dual Channel Subscriber Line Interface Concept
DS3, July 2003
PEB3264FV1.4 INFINEON-PEB3264FV1.4 Datasheet
4Mb / 374P
   Dual Channel Subscriber Line Interface Concept
2003-07-11 DS3
logo
Datatronic Distribution...
HD565-1 DATATRONICS-HD565-1 Datasheet
89Kb / 1P
   HDSL Line Transformers
logo
Infineon Technologies A...
PEB4266T-V1.2 INFINEON-PEB4266T-V1.2 Datasheet
4Mb / 374P
   Dual Channel Subscriber Line Interface Concept
DS3, July 2003
logo
Bothhand USA, LP.
HD-5624 BOTHHAND-HD-5624 Datasheet
277Kb / 1P
   HDSL LINE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com