Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SD05T1
Description  Transient Voltage Suppressor Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SD05T1 Datasheet(HTML) 1 Page - ON Semiconductor

  SD05T1 Datasheet HTML 1Page - ON Semiconductor SD05T1 Datasheet HTML 2Page - ON Semiconductor SD05T1 Datasheet HTML 3Page - ON Semiconductor SD05T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 1
1
Publication Order Number:
SD05T1/D
SD05T1 Series
Preferred Device
Transient Voltage
Suppressor Diode
SOD−323 Zeners for ESD Protection
These Zener diodes are designed for applications requiring transient
overvoltage protection capability. They are intended for use in voltage
and ESD sensitive equipment such as computers, printers, business
machines, communication systems, medical equipment and other
applications. These devices are ideal for situations where board space is
at a premium.
Specification Features:
Steady State Power Routing of 200 mW
Peak Power − 350 W (8 20 ms)
Low Leakage
Cathode Indicated by Polarity Band
Package Weight: 4.507 mg/wmt
Meets IEC61000−4−2 Level 4, 15 kV (Air), 8 kV (Contact)
Meets IEC6100−4−4 Level 4, 40 A
Meets IEC6100−4−5 (Lightning), 24 A
Meets 16 kV Human Body Model ESD Requirements
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94, V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
Use the Device Number to order the 7 inch/3,000 unit reel.
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
http://onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
xx = Specific Device Code
ZA = SD05T1
ZC = SD12T1
M = Date Code
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
SD05T1
SOD−323
3000/Tape & Reel
SD12T1
SOD−323
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
xx M
SD05T1G
SOD−323
(Pb−Free)
3000/Tape & Reel
SD12T1G
SOD−323
(Pb−Free)
3000/Tape & Reel


Similar Part No. - SD05T1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SD05T1 SANYO-SD05T1 Datasheet
58Kb / 4P
   Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1 Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
logo
Sanyo Semicon Device
SD05T1G SANYO-SD05T1G Datasheet
58Kb / 4P
   Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
ON Semiconductor
SD05T1G ONSEMI-SD05T1G Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
logo
TECH PUBLIC Electronics...
SD05T1G-P TECHPUBLIC-SD05T1G-P Datasheet
1,006Kb / 4P
   1-Line Unl-directional TVS Diode
More results

Similar Description - SD05T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1_14 Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
logo
Sensitron
1N6138A SENSITRON-1N6138A Datasheet
41Kb / 3P
   Transient Voltage Suppressor Diode, 1500W
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
ON Semiconductor
SM05T1 ONSEMI-SM05T1_11 Datasheet
109Kb / 5P
   Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com