Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6513 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SG6513
Description  PC Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG6513 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SG6513 Datasheet HTML 1Page - List of Unclassifed Manufacturers SG6513 Datasheet HTML 2Page - List of Unclassifed Manufacturers SG6513 Datasheet HTML 3Page - List of Unclassifed Manufacturers SG6513 Datasheet HTML 4Page - List of Unclassifed Manufacturers SG6513 Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6513 Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6513 Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6513 Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6513 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specification
PC Power Supply Supervisors
SG6513/T
© System General Corp.
- 5 -
www.sg.com.tw
Version 1.0PN ( IRO33.0014.B0)
Aug.26,2003
FUNCTION TABLE
PGI
PSON UV Sense
UV Protection 12V & OC Protection OV Protection FPO
PGO
PGI<1.2V
L
No
No
No
L
L
PGI<1.2V
L
Yes
No
No
L
L
PGI<1.2V
L
No
No
Yes
H
L
PGI<1.2V
L
No
Yes
No
L
L
PGI<1.2V
L
Yes
No
Yes
H
L
PGI<1.2V
L
Yes
Yes
No
L
L
PGI<1.2V
L
No
Yes
Yes
H
L
PGI<1.2V
L
Yes
Yes
Yes
H
L
PGI>1.2V
L
No
No
No
L
H
PGI>1.2V
L
Yes
No
No
L
L
PGI>1.2V
L
No
No
Yes
H
L
PGI>1.2V
L
No
Yes
No
H
L
PGI>1.2V
L
Yes
No
Yes
H
L
PGI>1.2V
L
Yes
Yes
No
H
L
PGI>1.2V
L
No
Yes
Yes
H
L
PGI>1.2V
L
Yes
Yes
Yes
H
L
X
H
X
X
X
H
L
x = don’t care
FPO = L means: fault IS NOT latched
FPO = H means: fault IS latched
PGO = L means: fault
PGO = H means: No fault


Similar Part No. - SG6513

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG6510 MICROSEMI-SG6510 Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
logo
List of Unclassifed Man...
SG6510D1 ETC1-SG6510D1 Datasheet
237Kb / 10P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6510D1 FAIRCHILD-SG6510D1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
SG6510DZ1 FAIRCHILD-SG6510DZ1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
Microsemi Corporation
SG6510F MICROSEMI-SG6510F Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
More results

Similar Description - SG6513

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com