Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1913DH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1913DH
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1913DH Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1913DH Datasheet HTML 1Page - Vishay Siliconix SI1913DH Datasheet HTML 2Page - Vishay Siliconix SI1913DH Datasheet HTML 3Page - Vishay Siliconix SI1913DH Datasheet HTML 4Page - Vishay Siliconix SI1913DH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si1913DH
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71965
S-21482—Rev. A, 26-Aug-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -100 mA
-0.45
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = -16 V, VGS = 0 V
-1
m
Zero Gate Voltage Drain Current
IDSS
VDS = -16 V, VGS = 0 V, TJ = 85_C
-5
mA
On-State Drain Currenta
ID(on)
VDS = -5 V, VGS = -4.5 V
-2
A
VGS = -4.5 V, ID = -0.88 A
0.400
0.490
Drain-Source On-State Resistancea
rDS(on)
VGS = -2.5 V, ID = -0.71 A
0.610
0.750
W
DS(on)
VGS = -1.8 V, ID = -0.2 A
0.850
1.10
Forward Transconductancea
gfs
VDS = -10 V, ID = -0.88 A
1.5
S
Diode Forward Voltagea
VSD
IS = -0.47 A, VGS = 0 V
-0.85
-1.2
V
Dynamicb
Total Gate Charge
Qg
1.2
1.8
Gate-Source Charge
Qgs
VDS = -10 V, VGS = -4.5 V, ID = -0.88 A
0.3
nC
Gate-Drain Charge
Qgd
0.21
Turn-On Delay Time
td(on)
18
30
Rise Time
tr
VDD = -10 V, RL = 20 W
25
40
Turn-Off Delay Time
td(off)
VDD = -10 V, RL = 20 W
ID ^ -0.5 A, VGEN = -4.5 V, RG = 6 W
15
45
ns
Fall Time
tf
12
20
Reverse Recovery Time
trr
IF = 0.47 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - SI1913DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1913DH VISHAY-SI1913DH Datasheet
112Kb / 6P
   Dual P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1913DH VISHAY-SI1913DH_V01 Datasheet
112Kb / 6P
   Dual P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1913DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com