Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6413DQ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI6413DQ
Description  P-Channel 1.8-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6413DQ Datasheet(HTML) 4 Page - Vishay Siliconix

  SI6413DQ Datasheet HTML 1Page - Vishay Siliconix SI6413DQ Datasheet HTML 2Page - Vishay Siliconix SI6413DQ Datasheet HTML 3Page - Vishay Siliconix SI6413DQ Datasheet HTML 4Page - Vishay Siliconix SI6413DQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si6413DQ
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72084
S-22384—Rev. A, 30-Dec-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
-0.4
-0.2
0.0
0.2
0.4
-50
-25
0
25
50
75
100
125
150
ID = 400 mA
Threshold Voltage
TJ - Temperature (_C)
Safe Operating Area, Junction-to-Case
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
100 ms
0.1
Limited
by rDS(on)
TC = 25_C
Single Pulse
1 s
10 s
dc
10 ms
1 ms
0
30
50
10
20
Single Pulse Power, Junction-to-Ambient
Time (sec)
40
1
100
10
10-1
10-2
60
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 100_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SI6413DQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI6410DQ FAIRCHILD-SI6410DQ Datasheet
162Kb / 5P
   30V N-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI6410DQ VISHAY-SI6410DQ Datasheet
194Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 31-Mar-08
SI6410DQ-T1-GE3 VISHAY-SI6410DQ-T1-GE3 Datasheet
194Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 31-Mar-08
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI6415DQ VISHAY-SI6415DQ Datasheet
196Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 23-Jan-06
More results

Similar Description - SI6413DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com