Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3002KWD Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # SI-3002KWD
Description  1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3002KWD Datasheet(HTML) 8 Page - Allegro MicroSystems

  SI-3002KWD Datasheet HTML 1Page - Allegro MicroSystems SI-3002KWD Datasheet HTML 2Page - Allegro MicroSystems SI-3002KWD Datasheet HTML 3Page - Allegro MicroSystems SI-3002KWD Datasheet HTML 4Page - Allegro MicroSystems SI-3002KWD Datasheet HTML 5Page - Allegro MicroSystems SI-3002KWD Datasheet HTML 6Page - Allegro MicroSystems SI-3002KWD Datasheet HTML 7Page - Allegro MicroSystems SI-3002KWD Datasheet HTML 8Page - Allegro MicroSystems SI-3002KWD Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SI-3002KWD
1 A, Low-Dropout,
Dual Output,
2.5 V & 3.3 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
8
Tape Specifications
1. Material: conductive polystyrene.
2. Allowable camber: 1 mm/100 mm maximum.
3. A0 (10.6 mm) and B0 (15.7 mm) measured on a plane
0.3 mm above the bottom of the pocket.
4. K0 (4.9 mm) is measured from a plane on the inside
bottom of the pocket to the surface of the carrier.
5. Ten pitches cumulative tolerance on tape ±0.2 mm.
6. The space between parts and cavity must not exceed
±0.3 mm from its normal position in any direction.
7. Surface resistivity of embossment: 107 ohm/cm2 max.
8. K1 = 3.9 mm.
Tape and Reel Dimensions in Millimeters


Similar Part No. - SI-3002KWD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Sanken electric
SI-3002KWM SANKEN-SI-3002KWM Datasheet
433Kb / 2P
   2-Output Surface-Mount Low Dropout Voltage Linear Regulator ICs
More results

Similar Description - SI-3002KWD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Texas Instruments
LM3940 TI-LM3940_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3940 1-A Low-Dropout Regulator for 5-V to 3.3-V Conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com