Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ27C010A Datasheet(PDF) 1 Page - Austin Semiconductor

Part # SMJ27C010A
Description  UVEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ27C010A Datasheet(HTML) 1 Page - Austin Semiconductor

  SMJ27C010A Datasheet HTML 1Page - Austin Semiconductor SMJ27C010A Datasheet HTML 2Page - Austin Semiconductor SMJ27C010A Datasheet HTML 3Page - Austin Semiconductor SMJ27C010A Datasheet HTML 4Page - Austin Semiconductor SMJ27C010A Datasheet HTML 5Page - Austin Semiconductor SMJ27C010A Datasheet HTML 6Page - Austin Semiconductor SMJ27C010A Datasheet HTML 7Page - Austin Semiconductor SMJ27C010A Datasheet HTML 8Page - Austin Semiconductor SMJ27C010A Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UVEPROM
SMJ27C010A
Austin Semiconductor, Inc.
SMJ27C010A
Rev. 1.0 9/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
FEATURES
• Organized 131,072 x 8
• Single +5V ±10% power supply
• Operationally compatible with existing megabit EPROMs
• Industry standard 32-pin ceramic dual-in-line package
• All inputs/outputs fully TTL compatible
• 8-bit output for use in microprocessor-based systems
• Very high-speed SNAP! Pulse Programming
• Power-saving CMOS technology
• 3-state output buffers
• 400mV minimum DC noise immunity with standard
TTL loads
• Latchup immunity of 250 mA on all input and output pins
• No pullup resistors required
• Low power dissipation (Vcc = 5.5V)
PActive - 165 mW Worst Case
PStandby - 0.55 mW Worst Case (CMOS-input levels)
OPTIONS
MARKING
• Timing
120ns access
-12
150ns access
-15
200ns access
-20
• Package(s)
Ceramic DIP (600mils)
J
No. 114
• Operating Temperature Ranges
Military (-55oC to +125oC)
M
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• SMD 5962-89614
• MIL-STD-883
32-Pin DIP (J)
(600 MIL)
1 MEG UVEPROM
UV Erasable Programmable
Read-Only Memory
For more products and information
please visit our web site at
www.austinsemiconductor.com
GENERAL DESCRIPTION
The SMJ27C010A series are 131072 by 8-bit (1048576-
bit), ultaviolet (UV) light erasable, electrically programmable
read-only memories (EPROMs).
These devices are fabricated using power-saving CMOS
technology for high speed and simple interface with MOS and
bipolar circuits. All inputs (including program data inputs)
can be driven by Series 54 TTL circuits without the use of
external pullup resistors. Each output can drive one Series 54
TTL circuit without external resistors.
The SMJ27C010A EPROM is offered in a ceramic
dual-in-line package (J suffix) designed for insertion in
mounting-hole rows on 15.2mm (600mil) centers.
These EPROMs operate from a single 5V supply (in the
read mode), and therefore, are ideal for use in
microprocessor-based systems. One other 13V supply is
needed for programming. All programming signals are TTL
level. These devices are programmable using the SNAP! Pulse
programming algorithm. The SNAP! Pulse programming
algorithm uses a V
PP
of 13V and a V
CC
of 6.5V for a nominal
programming time of thirteen seconds. For programming
outside the system, existing EPROM programmers can be
used. Locations can be programmed singly, in blocks, or at
random.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
V
PP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
Vcc
PGM\
NC
A14
A13
A8
A9
A11
G\
A10
E\
DQ7
DQ6
DQ5
DQ4
DQ3
Pin Name
Function
A0 - A18
Address Inputs
DA0-DQ7 Inputs (programming)/Outputs
E\
Chip Enable
G\
Output Enable
GND
Ground
PGM\
Program
VCC
5V Supply
VPP
13V Power Supply*
*Only in program mode.


Similar Part No. - SMJ27C010A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
SMJ27C010A MICROSS-SMJ27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
SMJ27C010A-12JM AUSTIN-SMJ27C010A-12JM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C010A-15JM AUSTIN-SMJ27C010A-15JM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C010A-20JM AUSTIN-SMJ27C010A-20JM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - SMJ27C010A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C256 AUSTIN-SMJ27C256 Datasheet
129Kb / 11P
   256K UVEPROM
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Sanyo Semicon Device
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Sanyo Semicon Device
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com