Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-212 Datasheet(PDF) 1 Page - Rohm

Part # SML-212
Description  Ultra high brightness chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-212 Datasheet(HTML) 1 Page - Rohm

  SML-212 Datasheet HTML 1Page - Rohm SML-212 Datasheet HTML 2Page - Rohm SML-212 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SML-212 Series
LED lamps
Ultra high brightness chip LEDs
SML-212 Series
The SML-212 series are Ultra high brightness chip LEDs equipped with an AlGaInP chip.
!
Features
1) Three colors : red, orange and yellow.
2) Rectangular and leadless (2 x 2.5 mm, 0.8 mm thick)
3) Can be mounted by automatic mounting.
!
!
!
!
External dimensions (Units : mm)
2.0+
0.2
0
1.4
1.2
Tolerances are ±0.1
unless otherwise noted:
Cathode index
Electrode
!
!
!
!
Selection guide
Emitting color
Lens
Red
Orange
Yellow
SML-212VT
SML-212DT
SML-212YT
Transparent clear
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
∗ Pulse width 1ms Duty 1 / 5
Parameter
Symbol
PD
IF
IFP
VR
Topr
Tstg
Unit
mW
mA
mA∗
V
°C
°C
Limits
4
−30∼+85
−40∼+85
75
30
60
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature


Similar Part No. - SML-212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML-212DT ETC1-SML-212DT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-212DT ROHM-SML-212DT Datasheet
136Kb / 3P
   SML-21 Series
SML-212DT ROHM-SML-212DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212DT ROHM-SML-212DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212DT ROHM-SML-212DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-212

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-512 ROHM-SML-512 Datasheet
75Kb / 3P
   Ultra high brightness chip LEDs
SML-511 ROHM-SML-511 Datasheet
68Kb / 3P
   High brightness LEDs
SML31 ROHM-SML31 Datasheet
221Kb / 3P
   High Brightness Type Mini-molded chip LEDs
SMLA13WB ROHM-SMLA13WB Datasheet
108Kb / 3P
   Side View Chip LEDs High Brightness Type
SML-412 ROHM-SML-412 Datasheet
137Kb / 3P
   High Brightness Type Mini-molded chip LEDs
SML-A12 ROHM-SML-A12 Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SML-01 ROHM-SML-01 Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
SML-812BCT ROHM-SML-812BCT Datasheet
108Kb / 3P
   Reverse Mount Chip LEDs High Brightness Type
SMLV56 ROHM-SMLV56_11 Datasheet
1Mb / 4P
   High Brightness Tri-Color LEDs
SMLVN6RGB1U1 ROHM-SMLVN6RGB1U1 Datasheet
923Kb / 11P
   High Brightness Tri-Color LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com