Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH1T45YZPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCH1T45YZPR
Description  SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH1T45YZPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVCH1T45YZPR Datasheet HTML 3Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 4Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 5Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 6Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 7Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 8Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 9Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 10Page - Texas Instruments SN74AVCH1T45YZPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN74AVCH1T45
SINGLEBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES598C – JULY 2004 – REVISED OCTOBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.5 V ± 0.1 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.9
0.7
5.6
0.6
5.2
0.5
4.2
0.5
3.8
ns
tPHL
A
B
2.9
0.7
5.6
0.6
5.2
0.5
4.2
0.5
3.8
ns
tPLH
B
A
2.6
0.6
5.5
0.4
5.3
0.3
4.9
0.3
4.8
ns
tPHL
B
A
2.6
0.6
5.5
0.4
5.3
0.3
4.9
0.3
4.8
ns
tPHZ
DIR
A
3.8
1.6
6.7
1.5
6.8
0.3
6.9
0.9
6.9
ns
tPLZ
DIR
A
3.8
1.6
6.7
1.5
6.8
0.3
6.9
0.9
6.9
ns
tPHZ
DIR
B
5.1
1.8
8.1
1.6
7.1
1.1
4.7
1.4
4.5
ns
tPLZ
DIR
B
5.1
1.8
8.1
1.6
7.1
1.1
4.7
1.4
4.5
ns
tPZH†
DIR
A
7.7
13.6
12.4
9.6
9.3
ns
tPZL†
DIR
A
7.7
13.6
12.4
9.6
9.3
ns
tPZH†
DIR
B
6.7
12.3
12
11.1
10.7
ns
tPZL†
DIR
B
6.7
12.3
12
11.1
10.7
ns
† The enable time is a calculated value, derived using the formula shown in the enable times section, page 16.
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.8 V ± 0.15 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
2.8
0.6
5.3
0.5
5
0.4
3.9
0.4
3.4
ns
tPHL
A
B
2.8
0.6
5.3
0.5
5
0.4
3.9
0.4
3.4
ns
tPLH
B
A
2.3
0.5
5.2
0.4
5
0.3
4.6
0.2
4.4
ns
tPHL
B
A
2.3
0.5
5.2
0.4
5
0.3
4.6
0.2
4.4
ns
tPHZ
DIR
A
3.8
1.6
5.9
1.6
5.9
1.6
5.9
0.5
6
ns
tPLZ
DIR
A
3.8
1.6
5.9
1.6
5.9
1.6
5.9
0.5
6
ns
tPHZ
DIR
B
5
1.8
7.7
1.4
6.8
1
4.4
1.4
4.3
ns
tPLZ
DIR
B
5
1.89
7.7
1.4
6.8
1
4.4
1.4
4.3
ns
tPZH†
DIR
A
7.3
12.9
11.8
9
8.7
ns
tPZL†
DIR
A
7.3
12.9
11.8
9
8.7
ns
tPZH†
DIR
B
6.5
11.2
10.9
9.8
9.4
ns
tPZL†
DIR
B
6.5
11.2
10.9
9.8
9.4
ns
† The enable time is a calculated value, derived using the formula shown in the enable times section, page 16.


Similar Part No. - SN74AVCH1T45YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH1T45YZPR TI-SN74AVCH1T45YZPR Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCH1T45YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com