Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5026DP Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # SP5026DP
Description  1.0GHz 3-Wire Bus Controlled Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5026DP Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SP5026DP Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5026DP Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5026DP Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5026DP Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5026DP Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5026DP Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5026DP Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5026DP Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5026DP Datasheet HTML 11Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
SP5026
7
Zarlink Semiconductor Inc.
Figure 8 - Typical Input Impedance
Electrical Characteristics
Electrical Characteristics Table
Characteristics
Symbol
Pin
Value
Units
Conditions
Min.
Typ.
Max.
Supply current
ICC
14
40
55
mA
VCC = 5V
Prescaler input voltage
15,16
12.5
300
mVRMS
50MHz to 1GHz
sinewave
Prescaler input impedance
15,16
50
Input capacitance
2
pF
High level input voltage
4,5,10
3
VCC
V
High level input voltage
3
4
VCC
V
Low level input voltage
3,4,5,10
0
0.7
V
High level input current
4,5,10
1
µAVIN = 5.5V, VCC = 5.5V
Low level input current
5
5
µAVIN = 0V, VCC = 5.5V
Low level input current
4,10
250
µAVIN = 0V, VCC = 5.5V
High level input current
3
150
µAVIN = 5.5V, VCC = 5.5V
Low level input current
3
1
µAVIN = 0V, VCC = 5.5V


Similar Part No. - SP5026DP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP502 SIPEX-SP502 Datasheet
402Kb / 30P
   Multi-Mode Serial Transceiver
SP502 SIPEX-SP502 Datasheet
345Kb / 32P
   Multi-Mode Serial Transceiver
logo
Zarlink Semiconductor I...
SP5024 ZARLINK-SP5024 Datasheet
320Kb / 8P
   3-Wire Bus Controlled Synthesiser
SP5024DP ZARLINK-SP5024DP Datasheet
320Kb / 8P
   3-Wire Bus Controlled Synthesiser
SP5024SMP ZARLINK-SP5024SMP Datasheet
320Kb / 8P
   3-Wire Bus Controlled Synthesiser
More results

Similar Description - SP5026DP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5024 ZARLINK-SP5024 Datasheet
320Kb / 8P
   3-Wire Bus Controlled Synthesiser
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
   3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
logo
Mitel Networks Corporat...
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
   2.7GHz 3-Wire Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
   2.6GHz 3-Wire BUS Controlled Synthesiser
SP5658 MITEL-SP5658 Datasheet
281Kb / 14P
   2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
   PLL Synthesizer with 3-Wire Bus for TV Tuner
logo
NXP Semiconductors
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com