Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89858U Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89858U
Description  PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89858U Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89858U Datasheet HTML 2Page - Micrel Semiconductor SY89858U Datasheet HTML 3Page - Micrel Semiconductor SY89858U Datasheet HTML 4Page - Micrel Semiconductor SY89858U Datasheet HTML 5Page - Micrel Semiconductor SY89858U Datasheet HTML 6Page - Micrel Semiconductor SY89858U Datasheet HTML 7Page - Micrel Semiconductor SY89858U Datasheet HTML 8Page - Micrel Semiconductor SY89858U Datasheet HTML 9Page - Micrel Semiconductor SY89858U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Micrel
SY89858U
November 2004
M9999-110504
hbwhelp@micrel.com or (408) 955-1690
10
32 Lead
MicroLeadFrameTM (MLF-32)
Package Notes:
1.
Package meets Level 2 Moisture Sensitivity Classification.
2.
All parts are dry-packaged before shipment.
3.
Exposed pad must be soldered to a ground for proper thermal management.
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http:/www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel
for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a
product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended
for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a
significant injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a
Purchaser’s own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
© 2004 Micrel, Incorporated.


Similar Part No. - SY89858U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89858U MICREL-SY89858U Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89858U MICREL-SY89858U Datasheet
583Kb / 10P
   Precision Low Power 1:8 LVPECL
SY89858UMG MICREL-SY89858UMG Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89858UMGTR MICREL-SY89858UMGTR Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89858UMGTR MICREL-SY89858UMGTR Datasheet
583Kb / 10P
   Precision Low Power 1:8 LVPECL
More results

Similar Description - SY89858U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U_10 Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com