Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0930-TJQ Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T0930-TJQ
Description  SiGe Power Amplifier for CW Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0930-TJQ Datasheet(HTML) 5 Page - ATMEL Corporation

  T0930-TJQ Datasheet HTML 1Page - ATMEL Corporation T0930-TJQ Datasheet HTML 2Page - ATMEL Corporation T0930-TJQ Datasheet HTML 3Page - ATMEL Corporation T0930-TJQ Datasheet HTML 4Page - ATMEL Corporation T0930-TJQ Datasheet HTML 5Page - ATMEL Corporation T0930-TJQ Datasheet HTML 6Page - ATMEL Corporation T0930-TJQ Datasheet HTML 7Page - ATMEL Corporation T0930-TJQ Datasheet HTML 8Page - ATMEL Corporation T0930-TJQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
T0930
4722A–SIGE–06/03
Electrical Characteristics for 2 W Application
VCC = VCC1, ... , VCC3, VCC, CTL = +3.2 V, VCTL = 1.9 V, Tamb = +25°C, 50-W input and 50-W external output match
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
5
Power Supply
5.1
Supply voltage
V
CC
2.6
3.2
3.6
V
A
5.2
Current consumption in
active mode
P
out = 33 dBm
PAE = 47%
I
1.33
A
A
5.3
Current consumption
(leakage current)
in power-down mode
V
CTL £ 0.2 V
I
10
µA
A
6
RF Input
6.1
Frequency range
f
in
880
900
935
MHz
A
6.2
Input impedance
(1)
Z
i
50
W
C
6.3
Input power
P
in
5
12
dBm
C
6.4
Input VSWR
(1)
P
in = 0 to 12 dBm
P
out = 30 dBm
2:1
C
7
RF Output
7.1
Output impedance
(1)
Z
o
50
W
C
7.2
Output power in normal
conditions
P
in = 5 dBm, RL = RG = 50 W
V
CC = 3.2 V, Tamb = +25°C
V
CC = 2.2 V, Tamb = +25°C
P
out
P
out
33
30
dBm
dBm
A
7.3
Minimum output power
V
CTL = 0.3 V
- 20
dBm
A
7.4
Power-added efficiency
V
CC = 3.2 V, Pout = 27 dBm
PAE
47
%
A
7.5
Stability
Temp = -25 to + 85
°C
no spurious
³ -60 dBc
VSWR
10:1
C
7.6
Load mismatch
(stable, no damage)
P
out = 33 dBm, all phases
VSWR
10:1
C
7.7
Second harmonic
distortion
2fo
-35
dBc
A
7.8
Third harmonic distortion
3fo
-35
dBc
A
7.9
Noise power
f = 925 to 935 MHz
f
³ 935 MHz
P
out = 33 dBm
RBW = 100 kHz
-73
-85
-70
-82
dBm
dBm
C
7.10 Rise and fall time
0.5
µs
A
7.11
Isolation between input
and output
P
in = 0 to 10 dBm
VCTL £ 0.2 V (power down)
50
dB
C
8
Power Control
8.1
Control curve
Pout
³ 25 dBm
150
dB/V
C
8.2
Power control range
VCTL = 0.3 to 2.0 V
50
dB
C
8.3
Control voltage range
VCTL
0.3
2.0
V
A
8.4
Control current
Pin = 0 to 10 dBm, VCTL = 0 to 2.0 V
ICTL
200
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. With external matching (see “Application Circuit”).


Similar Part No. - T0930-TJQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T0931R12 ETC1-T0931R12 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
T0933R12 ETC1-T0933R12 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
T0934R12 ETC1-T0934R12 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
More results

Similar Description - T0930-TJQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26102A PANASONICBATTERY-AN26102A Datasheet
379Kb / 16P
   SiGe Linear Power Amplifier for 2.4 GHz Band Applications
logo
Communications & Power ...
VZK-2790J1 CPI-VZK-2790J1 Datasheet
146Kb / 2P
   150W CW TWT Power Amplifier
logo
Tachyonics CO,. LTD
THM1001TE TACHYONICS-THM1001TE Datasheet
170Kb / 9P
   SiGe HBT MMIC POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
RFHIC
RYP24200-20S RFHIC-RYP24200-20S Datasheet
490Kb / 7P
   CW Pallet Amplifier
logo
Renesas Technology Corp
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
   SiGe MMIC High Frequency Power Amplifier
logo
NXP Semiconductors
BGU2003 PHILIPS-BGU2003 Datasheet
62Kb / 8P
   SiGe MMIC amplifier
2002 May 17
logo
Communications & Power ...
5681K CPI-5681K Datasheet
79Kb / 1P
   CW oscillator or amplifier
logo
TriQuint Semiconductor
TQM7136 TRIQUINT-TQM7136 Datasheet
97Kb / 16P
   3V HBT SiGe CDMA POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com