Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9455F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC9455F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9455F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC9455F Datasheet HTML 1Page - Toshiba Semiconductor TC9455F Datasheet HTML 2Page - Toshiba Semiconductor TC9455F Datasheet HTML 3Page - Toshiba Semiconductor TC9455F Datasheet HTML 4Page - Toshiba Semiconductor TC9455F Datasheet HTML 5Page - Toshiba Semiconductor TC9455F Datasheet HTML 6Page - Toshiba Semiconductor TC9455F Datasheet HTML 7Page - Toshiba Semiconductor TC9455F Datasheet HTML 8Page - Toshiba Semiconductor TC9455F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC9455,88F/N
2002-02-05
5
3.
AD/DA converter and digital delay circuit
The AD/DA converter is a 12-bit successive comparison type. The sampling frequency when the system
clock operates at 4 MHz is 32 kHz.
The analog signal input from the AD converter is converted to 12-bit digital data. The digital delay circuit
compresses the 12-bit signal to 4-bit, writes it to delay RAM, then reads it. The 4-bit data read from delay
RAM is de-compressed to 12-bit. The 12-bit data are converted to analog signals by the DA converter and
output.
The area for delay RAM memory is 4096 words × 4 bits.
The echo delay time is 4096 words × (1/32 kHz) = 128 ms.
Figure 3 is a block diagram of the echo circuit.
Figure 3
Block diagram of echo circuit


Similar Part No. - TC9455F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9452F TOSHIBA-TC9452F Datasheet
606Kb / 15P
   SINGLE CHIP SURROUND LSI
TC9456F TOSHIBA-TC9456F Datasheet
624Kb / 16P
   SINGLE CHIP SURROUND LSI WITH A BUILT-IN SRS
TC9457F TOSHIBA-TC9457F Datasheet
251Kb / 15P
   Firmware Built In Digital Servo
TC9459 TOSHIBA-TC9459 Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
TC9459F TOSHIBA-TC9459F Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results

Similar Description - TC9455F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com