Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6843 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA6843
Description  New In Car Entertainment (NICE) extended car radio
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6843 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA6843 Datasheet HTML 5Page - NXP Semiconductors TEA6843 Datasheet HTML 6Page - NXP Semiconductors TEA6843 Datasheet HTML 7Page - NXP Semiconductors TEA6843 Datasheet HTML 8Page - NXP Semiconductors TEA6843 Datasheet HTML 9Page - NXP Semiconductors TEA6843 Datasheet HTML 10Page - NXP Semiconductors TEA6843 Datasheet HTML 11Page - NXP Semiconductors TEA6843 Datasheet HTML 12Page - NXP Semiconductors TEA6843 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
2003 Dec 19
9
Philips Semiconductors
Product specification
New In Car Entertainment (NICE)
extended car radio
TEA6843HL
7
FUNCTIONAL DESCRIPTION
7.1
Oscillators
7.1.1
VCO
The L and C tuned VCO provides the local oscillator signal
for both FM and AM mixer 1. It has a frequency range of
151.2 to 248.2 MHz.
7.1.2
CRYSTAL OSCILLATOR
The crystal oscillator provides a 20.5 MHz signal that is
used for:
• Reference frequency for frequency synthesizer PLL
• Local oscillator for AM mixer 2
• Reference frequency for the IF counter
• Timing signal for the RDS update algorithm
• Reference frequency (75.368 kHz) for the TEA688x (car
audio signal processor - CASP) or TEF689x (car radio
integrated signal processor - CRISP).
7.1.3
PLL
Fast synthesizer PLL tuning system with local control for
inaudible RDS updating.
7.2
FM signal channel
7.2.1
DAA
FM RF Digital Auto Alignment (DAA) circuitry for the
conversion of the VCO tuning voltage to a controlled
alignment voltage for the FM antenna tank circuit.
7.2.2
FM I/Q MIXER
FM quadrature mixer converts FM RF (65 to 162.55 MHz)
to IF of 10.7 MHz. The FM mixer provides inherent image
rejection and high RF sensitivity.
It is capable of tuning the US FM, US weather,
Europe FM, Japan FM and East Europe FM bands:
• US FM = 87.9 to 107.9 MHz
• US weather FM = 162.4 to 162.55 MHz
• Europe FM = 87.5 to 108 MHz
• Japan FM = 76 to 91 MHz
• East Europe FM = 65.8 to 74 MHz.
7.2.3
FM KEYED AGC
The AGC threshold is programmable and the keyed AGC
function is switchable via the I2C-bus.
If the keyed AGC function is activated, the AGC function is
keyed by the narrow band level (IF).
The AGC PIN diode drive can be set via the I2C-bus to
local function for search tuning.
7.2.4
FM IF AMPLIFIERS
The two FM IF amplifiers provide 10 dB and 8.5 dB
amplification with high linearity and dynamic range.
7.2.5
FM DEMODULATOR
The FM quadrature demodulator includes automatic
centre frequency adjustment and THD compensation.
7.2.6
FM MPX SOFT MUTE
Muting depth and start of muting are adjustable via the
I2C-bus.
7.3
AM signal channel
7.3.1
AM TUNER
The AM tuner is realized in a double conversion technique
and is capable of selecting LW, MW and SW bands.
AM mixer 1 converts AM RF to IF1 of 10.7 MHz, while
AM mixer 2 converts IF1 of 10.7 MHz to IF2 of 450 kHz:
• LW = 144 to 288 kHz
• MW = 522 to 1710 kHz (European and US AM band)
• SW = 5.85 to 9.99 MHz (including the 31 m, 41 m and
49 m bands).
7.3.2
AM RF AGC AND IF2 AGC
The AM RF includes a PIN diode drive circuit. The
threshold detection points for AM AGC are performed at
AM mixer 1 and AM IF2. AGC thresholds are
programmable at AM mixer 1 input via the I2C-bus.
7.3.3
AM AF OR IF2 SWITCH
The AM output provides either a demodulated AM Audio
Frequency (AF) or the corresponding AM IF2 signal. The
IF2 signal can be used for AM stereo decoder processing.
7.3.4
AM SOFT MUTE
The AM detector output is either not muted or signal
strength dependent soft muted audio. The soft mute
function can be switched off via the I2C-bus.


Similar Part No. - TEA6843

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6845 PHILIPS-TEA6845 Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
More results

Similar Description - TEA6843

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com