Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58FVB641XB-10 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC58FVB641XB-10
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB641XB-10 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC58FVB641XB-10 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVB641XB-10 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2002-10-24
9/53
Auto-Program Mode
The TC58FVT641/B641 can be programmed in either byte or word units. Auto-Program Mode is set using the
Program command. The program address is latched on the falling edge of the WE signal and data is latched
on the rising edge of the fourth Bus Write cycle (with WE control). Auto programming starts on the rising edge
of the WE signal in the fourth Bus Write cycle. The Program and Program Verify commands are automatically
executed by the chip. The device status during programming is indicated by the Hardware Sequence flag. To
read the Hardware Sequence flag, specify the address to which the Write is being performed
.
During Auto Program execution, a command sequence for the bank on which execution is being performed
cannot be accepted. To terminate execution, use a hardware reset. Note that if the Auto-Program operation is
terminated in this manner, the data written so far is invalid.
Any attempt to program a protected block is ignored. In this case the device enters Read Mode 3 µs after the
rising edge of the WE signal in the fourth Bus Write cycle.
If an Auto-Program operation fails, the device remains in the programming state and does not automatically
return to Read Mode. The device status is indicated by the Hardware Sequence flag. Either a Reset command or
a hardware reset is required to return the device to Read Mode after a failure. If a programming operation fails,
the block which contains the address to which data could not be programmed should not be used.
The device allows 0s to be programmed into memory cells which contain a 1. 1s cannot be programmed into
cells which contain 0s. If this is attempted, execution of Auto Program will fail. This is a user error, not a device
error. A cell containing 0 must be erased in order to set it to 1.
Fast Program Mode
Fast Program is a function which enables execution of the command sequence for the Auto Program to be
completed in two cycles. In this mode the first two cycles of the command sequence, which normally requires
four cycles, are omitted. Writing is performed in the remaining two cycles. To execute Fast Program, input the
Fast Program command. Write in this mode uses the Fast Program command but operation is the same at that
for ordinary Auto-Program. The status of the device is indicated by the Hardware Sequence flag and read
operations can be performed as usual. To exit this mode, the Fast Program Reset command must be input.
When the command is input, the device will return to Read Mode.
Acceleration Mode
The TC58FVT641/B641 features Acceleration Mode which allows write time to be reduced. Applying VACC to
WP or ACC automatically sets the device to Acceleration Mode. In Acceleration Mode, Block Protect Mode
changes to Temporary Block Unprotect Mode. Write Mode changes to Fast Program Mode. Modes are switched
by the
/ACC
WP
signal; thus, there is no need for a Temporary Block Unprotect operation or to set or reset Fast
Program Mode. Operation of Write is the same as in Auto-Program Mode. Removing VACC from
/ACC
WP
terminates Acceleration Mode.


Similar Part No. - TC58FVB641XB-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB641XB-10 TOSHIBA-TC58FVB641XB-10 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
More results

Similar Description - TC58FVB641XB-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com