Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH58NVG1S3AFT05 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TH58NVG1S3AFT05
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TH58NVG1S3AFT05 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TH58NVG1S3AFT05 Datasheet HTML 1Page - Toshiba Semiconductor TH58NVG1S3AFT05 Datasheet HTML 2Page - Toshiba Semiconductor TH58NVG1S3AFT05 Datasheet HTML 3Page - Toshiba Semiconductor TH58NVG1S3AFT05 Datasheet HTML 4Page - Toshiba Semiconductor TH58NVG1S3AFT05 Datasheet HTML 5Page - Toshiba Semiconductor TH58NVG1S3AFT05 Datasheet HTML 6Page - Toshiba Semiconductor TH58NVG1S3AFT05 Datasheet HTML 7Page - Toshiba Semiconductor TH58NVG1S3AFT05 Datasheet HTML 8Page - Toshiba Semiconductor TH58NVG1S3AFT05 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
2003-05-19A
1/32
TH58NVG1S3AFT05
TENTATIVE
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
2GBIT (256M
8BITS) CMOS NAND E
2PROM
DESCRIPTION
The TH58NVG1S3A is a single 3.3-V 2G-bit (2,214,592,512 bits) NAND Electrically Erasable and
Programmable Read-Only Memory (NAND E2PROM) organized as (2048+64) bytes x 64 pages x 2048 blocks.
The device has a 2112-byte static registers which allow program and read data to be transferred
between the register and the memory cell array in 2112-byte increments. The Erase operation is
implemented in a single block unit (128 Kbytes + 4Kbytes: 2112 bytes x 64 pages).
The TH58NVG1S3A is a serial-type memory device which utilizes the I/O pins for both address and data
input / output as well as for command inputs. The Erase and Program operations are automatically
executed making the device most suitable for applications such as solid-state file storage, voice
recording, image file memory for still cameras and other systems which require high-density non-
volatile memory data storage.
FEATURES
Organization
Memory cell allay 2112 64K 8 2
Register
2112 8
Page size
2112bytes
Block size
(128K 4K) bytes
Modes
Read Reset Auto Page Program
Auto Block Erase Status Read
Mode control
Serial input output
Command control
PIN ASSIGNMENT (TOP VIEW)
PIN NAMES
I/O1 to I/O8
I/O port
CE
Chip enable
WE
Write enable
RE
Read enable
CLE
Command latch enable
ALE
Address latch enable
WP
Write protect
BY
/
RY
Ready / Busy
GND
Ground Input
VCC
Power supply
VSS
Ground
Powersupply
VCC 2.7 V to 3.6 V
Program/Erase Cycles
1E5 Cycles(With ECC)
Access time
Cell array to register
25 s max
Serial Read Cycle
50 ns min
Operating current
Read (50 ns cycle)
10 mA typ.
Program (avg.)
10 mA typ.
Erase (avg.)
10 mA typ.
Standby
50 A max
Package
TSOP I 48-P-1220-0.50
(Weight : 0.53 g typ.)
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer,
when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid
situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to
property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control
instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at
the customer’s own risk.
000707EBA1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
NC
NC
NC
NC
I/O8
I/O7
I/O6
I/O5
NC
NC
NC
VCC
VSS
NC
NC
NC
I/O4
I/O3
I/O2
I/O1
NC
NC
NC
NC
NC
NC
NC
NC
NC
GND
NC
NC
VCC
VSS
NC
NC
CLE
ALE
NC
NC
NC
NC
NC
WE
BY
/
RY
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
WP
RE
CE


Similar Part No. - TH58NVG1S3AFT05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TH58NVG1S3 STMICROELECTRONICS-TH58NVG1S3 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
More results

Similar Description - TH58NVG1S3AFT05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com