Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK5552 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TK5552
Description  Read/Write Transponder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5552 Datasheet(HTML) 1 Page - ATMEL Corporation

  TK5552 Datasheet HTML 1Page - ATMEL Corporation TK5552 Datasheet HTML 2Page - ATMEL Corporation TK5552 Datasheet HTML 3Page - ATMEL Corporation TK5552 Datasheet HTML 4Page - ATMEL Corporation TK5552 Datasheet HTML 5Page - ATMEL Corporation TK5552 Datasheet HTML 6Page - ATMEL Corporation TK5552 Datasheet HTML 7Page - ATMEL Corporation TK5552 Datasheet HTML 8Page - ATMEL Corporation TK5552 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Features
Contactless Read/Write Data Transmission
992-bit EEPROM User Programmable in 31 Blocks
´ 32 Bits
Inductively Coupled Power Supply at 125 kHz
Basic Component: R/W IDICÒ Transponder IC
Built-in Coil and Capacitor for Circuit Antenna
Starts with Cyclical Data Read Out
Typical < 50 ms to Write and Verify a Block
Modulation Defeat (for EAS)
Direct Access to Each Block
Configurable POR Delay
Write Protection by Lock Bits
Malprogramming Protection
Configurable Options:
– Bit Rate [Bit/s]: RF/16 and RF/32
– Modulation: Manchester
– POR Delay: 1 ms/65 ms
– Maximum Block: 0, 1, 1 to 2, 1 to 3, 1 to 4, .... 1 to 31
Applications
Industrial Asset Management
Process Control and Automation
Installation and Medical Equipment
Description
The TK5552 is a complete programmable R/W transponder that implements all impor-
tant functions for identification systems. It allows the contactless reading (uplink) and
writing (downlink) of data which are transmitted bi-directionally between a read/write
base station and the transponder. It is a plastic cube device which accomodates the
IDIC transponder IC and the antenna is realized as an LC circuit. No additional exter-
nal power supply is necessary for the transponder because it receives power from the
RF field generated by the base station. Data is transmitted by modulating the ampli-
tude of the RF field (uplink mode). The TK5552 can be used to adjust and modify the
ID code or any other stored data, e.g., rolling code systems. The on-chip 1056-bit
EEPROM (32 blocks, 33 bits per block) can be read (uplink) and written (downlink)
blockwise from the base station. The blocks can be protected against overwriting. One
block is reserved for setting the operation modes of the IC.
Read/Write
Transponder
TK5552
Rev. 4698A–RFID–04/03


Similar Part No. - TK5552

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results

Similar Description - TK5552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90111 ETC1-MLX90111 Datasheet
136Kb / 12P
   128bit Read Write Transponder
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5551 ATMEL-TK5551_06 Datasheet
246Kb / 12P
   Standard Read/Write ID Transponder with Anti-collision
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
TK5530 ATMEL-TK5530 Datasheet
215Kb / 9P
   READ ONLY TRANSPONDER
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com