Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1103 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC1103
Description  PCM CODEC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC1103 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC1103 Datasheet HTML 3Page - Texas Instruments TLV320AIC1103 Datasheet HTML 4Page - Texas Instruments TLV320AIC1103 Datasheet HTML 5Page - Texas Instruments TLV320AIC1103 Datasheet HTML 6Page - Texas Instruments TLV320AIC1103 Datasheet HTML 7Page - Texas Instruments TLV320AIC1103 Datasheet HTML 8Page - Texas Instruments TLV320AIC1103 Datasheet HTML 9Page - Texas Instruments TLV320AIC1103 Datasheet HTML 10Page - Texas Instruments TLV320AIC1103 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLV320AIC1103
SLAS356 – DECEMBER 2001
7
www.ti.com
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, AVDD, DVDD, PLLVDD, EARVDD
– 0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VF
– 0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature range, TA (industrial temperature)
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, testing, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
PBS
680 mW
6.8 mW/
°C
270 mW
recommended operating conditions (see Notes 1 and 2)
MIN
NOM
MAX
UNIT
Supply voltage, AVDD, DVDD, PLLVDD, EARVDD
2.7
3.3
V
High-level input voltage, VIH
0.7 x VDD
V
Low-level input voltage, (VIL
0.3 x VDD
V
Load impedance between EAR1OP and EAR1ON-RL
16
32
Load impedance for EAR2OP-RL
32
Operating free-air temperature, TA
– 40
85
_C
NOTES:
1. To avoid possible damage and resulting reliability problems to these CMOS devices, the power-on initialization paragraph should
be followed, which is described in the Principles of Operations.
2. Voltages are with respect to AVSS, DVSS, PLLVSS, and EARVSS.


Similar Part No. - TLV320AIC1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1103GQER TI1-TLV320AIC1103GQER Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBS TI1-TLV320AIC1103PBS Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSG4 TI1-TLV320AIC1103PBSG4 Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1103ZQER TI1-TLV320AIC1103ZQER Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com