Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE56070 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE56070
Description  TRIAC, 25A, High Commutation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE56070 Datasheet(HTML) 2 Page - NTE Electronics

  NTE56070 Datasheet HTML 1Page - NTE Electronics NTE56070 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TJ = +25°C unless otherwise specfied)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Characteristics
Gate Trigger Current
MT2 (+), G (+)
IGT
VD = 12V, IT = 0.1A, Note 2
2
18
50
mA
MT2 (+), G (–)
2
21
50
mA
MT2 (–), G (–)
2
34
50
mA
Latching Current
MT2 (+), G (+)
IL
VD = 12V, IT = 0.1A
31
60
mA
MT2 (+), G (–)
34
90
mA
MT2 (–), G (–)
30
60
mA
Holding Current
IH
VD = 12V, IT = 0.1A
31
60
mA
On–State Voltage
VT
IT = 30A
1.3
1.55
V
Gate Trigger Voltage
VGT
VD = 12V, IT = 0.1A
0.7
1.5
V
VD = 400V, IT = 0.1A, TJ = +125°C
0.25
0.4
V
Off–State Leakage Current
ID
VD = VDRMmax, TJ = +125°C
0.1
0.5
mA
Dynamic Characteristics
Critical Rate–of–Rise of
Off–State Voltage
dVD/dt
VDM = 67% VDRMmax, TJ = +125°C,
Exponential Waveform, Gate Open
1000
4000
V/
µs
Critical Rate–of–Change of
Commutating Current
dIcom/dt VDM = 400V, TJ = +125°C, ITRMS = 25A,
without Snubber, Gate Open
44
A/ms
Gate Controlled Turn–On Time
tgt
ITM = 12A, VD = VDRMmax, IG = 0.1A,
dIG/dt = 5A/µs
2
µs
Note 2. Device does not trigger in the MT2 (–), G (+) quadrant.
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147 (3.75)
Dia Max
MT2
.070 (1.78) Max
.100 (2.54)
MT1
MT2
Gate
.110 (2.79)


Similar Part No. - NTE56070

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5607 NTE-NTE5607 Datasheet
20Kb / 2P
   TRIAC, 4 Amp
More results

Similar Description - NTE56070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT1011 ETC-FT1011 Datasheet
144Kb / 4P
   HIGH COMMUTATION TRIAC
logo
NTE Electronics
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
   TRIAC, 16A, High Commutation
NTE56063 NTE-NTE56063 Datasheet
21Kb / 2P
   TRIAC, 8A, High Commutation
NTE56068 NTE-NTE56068 Datasheet
21Kb / 2P
   TRIAC, 16A, High Commutation
NTE56065 NTE-NTE56065 Datasheet
21Kb / 2P
   TRIAC, 600VRM, 12A, High Commutation
logo
NXP Semiconductors
BTA316-800ET NXP-BTA316-800ET Datasheet
210Kb / 13P
   16 A three-quadrant high commutation triac
Rev. 01-29 March 2010
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB Datasheet
475Kb / 9P
   600V - 25A - Triac
Sep. 11, 2018
BCR25FM-14LJ RENESAS-BCR25FM-14LJ Datasheet
505Kb / 9P
   700V - 25A - Triac
May 31, 2018
BCR25FM-12LB RENESAS-BCR25FM-12LB_17 Datasheet
802Kb / 9P
   600V - 25A - Triac
logo
NXP Semiconductors
BTA316-600ET NXP-BTA316-600ET Datasheet
211Kb / 13P
   16 A three-quadrant high commutation triac
Rev. 01-30 March 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com