Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG509A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VG509A
Description  EPROM-Based 8-bit micro-controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VG509A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VG509A Datasheet HTML 1Page - List of Unclassifed Manufacturers VG509A Datasheet HTML 2Page - List of Unclassifed Manufacturers VG509A Datasheet HTML 3Page - List of Unclassifed Manufacturers VG509A Datasheet HTML 4Page - List of Unclassifed Manufacturers VG509A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VG509A
- 4 -
Ver 1.2
(9 ) C P IO B (C o n t r o l Po rt I/ O M o d e R e g i st e r )
T h e CPI O re gis t er is “wr i t e - o n l y ”
= “0”, I /O pi n in ou tput mod e;
= “1”, I /O pi n in inp ut mode .
Package:
8L SOP ( 150 mil body )
Unit : Inch
Symbols
A
A1
D
E
H
L
θ
Min.
0.053
0.004
0.189
0.150
0.228
0.016
0
Max.
0.069
0.010
0.196
0.157
0.244
0.050
8
NOTES :
Jedec outline
MS-012 AA


Similar Part No. - VG509A

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
   Crystal Oscillator
logo
Epson Company
VG5032EDN EPSON-VG5032EDN Datasheet
603Kb / 2P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
logo
Epson ToYoCom
VG5032EFN EPSONTOYOCOM-VG5032EFN Datasheet
656Kb / 2P
   VC-TCXO Ultra High Stablity
VG5032VDN EPSONTOYOCOM-VG5032VDN Datasheet
553Kb / 2P
   Crystal Oscillator
logo
Epson Company
VG5032VDN EPSON-VG5032VDN Datasheet
603Kb / 2P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
More results

Similar Description - VG509A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Feeling Technology Corp...
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
2003
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Ceramate Technical
CTM8B54E CERAMATE-CTM8B54E Datasheet
302Kb / 23P
   EPROM-Based 8-Bit COMS Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com