Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8121 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC8121
Description  2.488GHz SONET/SDH Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8121 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC8121 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8121 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8121
2.488GHz SONET/SDH
Clock Generator
G52163-0, Rev 4.2
Page 5
04/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
AC Characteristics
Table 2: AC Characteristics
NOTE: (1) ppm refers to “parts per million.” 100ppm (100/1000000) is equivalent to 0.01%. Therefore, the equivalent reference
clock frequency range in MHz for +/-100ppm tolerance is as follows:
Note that +/-100ppm tolerance for reference clock frequency more than accommodates the SONET/SDH requirement that refer-
ence clock-supplying crystals function at +/-20ppm.)
Figure 5: RMS/Peak-to-Peak Jitter (12kHz - 20MHz), REF_CLK freq = 77.76MHz
Parameter
Description
Min
Typ
Max
Units
Conditions
TCLK
High-speed output clock period
401.9
ps
RCd
Reference clock duty cycle
45
55
%
RCf
Reference clock frequency (selectable)
51.84,
77.76,
or
155.52
MHz
∆f
RC
Reference clock frequency tolerance
-100
+100
ppm
(1)
tjitter
Jitter generation
1.75
3.6
ps RMS
12kHz to 20MHz.
See Figure 5.
RCf
X 100ppm =
Acceptable Range
51.84MHz
5.184KHz
51.83MHz to 51.85MHz
77.76MHz
7.776KHz
77.75MHz to 77.78MHz
155.52MHz
15.552KHz
155.51MHz to 155.54MHz
0
20
40
60
80
100
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Case Temperature (deg C)
0
20
40
60
80
100
25
20
15
10
5
0
Case Temperature (deg C)
RMS Jitter
Pk-Pk Jitter


Similar Part No. - VSC8121

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8122QP VITESSE-VSC8122QP Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
   Target Specification
More results

Similar Description - VSC8121

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30414 ZARLINK-ZL30414 Datasheet
421Kb / 24P
   SONET/SDH Clock Multiplier PLL
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
   2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com