Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP3200Y Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VSP3200Y
Description  CCD SIGNAL PROCESSOR FOR SCANNER APPLICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VSP3200Y Datasheet(HTML) 3 Page - Burr-Brown (TI)

  VSP3200Y Datasheet HTML 1Page - Burr-Brown (TI) VSP3200Y Datasheet HTML 2Page - Burr-Brown (TI) VSP3200Y Datasheet HTML 3Page - Burr-Brown (TI) VSP3200Y Datasheet HTML 4Page - Burr-Brown (TI) VSP3200Y Datasheet HTML 5Page - Burr-Brown (TI) VSP3200Y Datasheet HTML 6Page - Burr-Brown (TI) VSP3200Y Datasheet HTML 7Page - Burr-Brown (TI) VSP3200Y Datasheet HTML 8Page - Burr-Brown (TI) VSP3200Y Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
VSP3200, 3210
3
SBMS012A
Supply Voltage: VCC, VDRV ............................................................... +6.5V
Supply Voltage Differences: Among VCC ......................................... ±0.1V
GND Voltage Differences: Among GNDA ........................................ ±0.1V
Digital Input Voltage ............................................... –0.3V to (VCC + 0.3V)
Analog Input Voltage .............................................. –0.3V to (VCC + 0.3V)
Input Current (Any Pins Except Supplies) ..................................... ±10mA
Ambient Temperature Under Bias ................................. –40°C to +125°C
Storage Temperature .................................................... –55°C to +125°C
Junction Temperature .................................................................... +150°C
Lead Temperature (soldering, 5s) ................................................. +260°C
Package Temperature (IR Reflow, peak, 10s) ............................. +235°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PRODUCT
PACKAGE
VSP3200Y
DEM-VSP3200Y
DEMO BOARD ORDERING INFORMATION
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
VSP3200Y
LQFP-48
340
0°C to +85°C
VSP3200Y
VSP3200Y
250-Piece Tray
""
"
"
"
VSP3200Y/2K
Tape and Reel
VSP3210Y
LQFP-48
340
0°C to +85°C
VSP3210Y
VSP3210Y
250-Piece Tray
""
"
"
"
VSP3210Y/2K
Tape and Reel
PACKAGE/ORDERING INFORMATION
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “VSP3200Y/2K” will get a single 2000-piece Tape and Reel.


Similar Part No. - VSP3200Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP3200Y TI1-VSP3200Y Datasheet
870Kb / 6P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR SCANNER APPLICATIONS
VSP3200YG4 TI1-VSP3200YG4 Datasheet
870Kb / 6P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR SCANNER APPLICATIONS
More results

Similar Description - VSP3200Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP3200 TI1-VSP3200_14 Datasheet
870Kb / 6P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR SCANNER APPLICATIONS
logo
A1 PROs co., Ltd.
AI9943 A1PROS-AI9943 Datasheet
319Kb / 17P
   acomplete analog signal processor for CCD applications
logo
Analog Devices
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
   CCD Signal Processor
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
   CCD Signal Processor
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802 Datasheet
366Kb / 20P
   CCD Signal Processor For Electronic Cameras
REV. 0
logo
Burr-Brown (TI)
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com