Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W741E201 Datasheet(PDF) 4 Page - Winbond

Part # W741E201
Description  4-BIT FLASH MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W741E201 Datasheet(HTML) 4 Page - Winbond

  W741E201 Datasheet HTML 1Page - Winbond W741E201 Datasheet HTML 2Page - Winbond W741E201 Datasheet HTML 3Page - Winbond W741E201 Datasheet HTML 4Page - Winbond W741E201 Datasheet HTML 5Page - Winbond W741E201 Datasheet HTML 6Page - Winbond W741E201 Datasheet HTML 7Page - Winbond W741E201 Datasheet HTML 8Page - Winbond W741E201 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
Preliminary W741E20X
- 4 -
PIN DESCRIPTION
SYMBOL
I/O
FUNCTION
XIN
I
Input pin for oscillator.
Connected to crystal or resistor to generate system clock by code option.
XOUT
O
Output pin for oscillator.
Connected to crystal or resistor to generate system clock by code option.
RA0
−RA2,
RA3 (DATA)
I/O
Input/Output port.
Input/output mode specified by port mode 1 register (PM1). When used as
output port, can provide high sink current for driving LED.
RB0
−RB3
I/O
Input/Output port.
Input/output mode specified by port mode 2 register (PM2). When used as
output port, can provide high sink current for driving LED.
RC0
−RC3
I/O
Input/Output port.
Input/output mode specified by port mode 4 register (PM4). Each pin has
an independent interrupt capability in input mode.
RD0
−RD3
I/O
Input/Output port.
Input/output mode specified by port mode 5 register (PM5).
RE0/DOUT,
RE1/CLKO,
RE2/DIN,
RE3/CLKI
I/O
Special input/output port.
This port can be configured by software to act as the output of internal port
RT or the serial I/O port. When used as output port, can provide high sink
current for driving LED.
MFP
O
Output pin only.
This pin can output modulating or nonmodulating frequency, or Timer 1
clock output specified by mode register 1 (MR1).
INT
(MODE)
1
I
External interrupt pin.
This pin must be tied to VDD through an external resistor. It is a low active
and floating input pin.
RES (VPP)
1
I
System reset pin.
This pin must be tied to VDD through an external resistor when it is not
used to reset this chip. It is a low active and floating input pin.
VDD
I
Positive power supply (+).
VSS
I
Negative power supply (-).
Note: There are internal pull-high resistors in these pins of W741C20X.


Similar Part No. - W741E201

ManufacturerPart #DatasheetDescription
logo
Winbond
W741E20X WINBOND-W741E20X Datasheet
531Kb / 84P
   4-BIT FLASH MICROCONTROLLER
More results

Similar Description - W741E201

ManufacturerPart #DatasheetDescription
logo
Winbond
W741E260 WINBOND-W741E260 Datasheet
554Kb / 94P
   4-BIT FLASH MICROCONTROLLER
W741E20X WINBOND-W741E20X Datasheet
531Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W541E260 WINBOND-W541E260 Datasheet
75Kb / 11P
   4-BIT FLASH EPROM MICROCONTROLLER
W541E20X WINBOND-W541E20X Datasheet
93Kb / 14P
   4 BIT FLASH EPROM MICROCONTROLLER
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
logo
Renesas Technology Corp
PD70F3178 RENESAS-PD70F3178_15 Datasheet
597Kb / 40P
   32-Bit Flash Microcontroller
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com