Electronic Components Datasheet Search |
|
W536120A Datasheet(PDF) 5 Page - Winbond |
|
W536120A Datasheet(HTML) 5 Page - Winbond |
5 / 12 page Publication Release Date:April 2000 - 5 - Revision A6 TEST I Test pad. Active high with internal pull low resistor. ROSC I Connect resistor to VDD pad to generate speech or melody playing clock source. PWM1/DAC O While speech or melody is active , PWM1/DAC is speaker direct driving output or DAC output controlled by voice output file. PWM2 O While speech or melody is active, PWM2 is another speaker direct driving output. WRP (5) O External serial memory address write clock for voice extension (W536120A only). RDP (5) O External serial memory address read clock for voice extension. (W536120A only). SPDATA (5) I/O External serial memory data in/out for voice extension (W536120A only). SEG0 −SEG39 O Dedicated LCD segment output pads. SEG40/PORTN.0 SEG43/PORTN.3 O/O LCD segment output pads, and can be shared as general output by register LCDM3 bit 1. Default function is segment pad. SEG44/PORTM.0 SEG47/PORTM.3 O/I LCD segment output pads, and can be shared as general input by register LCDM3 bit 0. Default function is segment pad and PM5.1=0 to inhibit LCD waveform abnormal. SEG48/PORTL.0 SEG51/PORTL.3 O/O LCD segment output pads, and can be shared as general output by register LCDM2 bit 0. Default function is segment pad. SEG52/PORTK.0 SEG55/PORTK.3 O/I LCD segment output pads, and can be shared as general input by register LCDM2 bit 1. Default function is segment pad and PM5.0=0 to inhibit LCD waveform abnormal. SEG56/PORTJ.0 SEG59/PORTJ.3 O/IO LCD segment output pads, and can be shared as general input/output by register LCDM2 bit 2. PM4 register is used to select input or output while shared I/O function is active. Default function is segment pad and PM4.3=0 to inhibit LCD waveform abnormal. SEG60/PORTI.0 SEG63/PORTI.3 O/IO LCD segment output pads, and can be shared as general input/output by register LCDM2 bit 3. PM4 register is used to select input or output while shared I/O function is active. Default function is segment pad and PM4.2=0 to inhibit LCD waveform abnormal. |
Similar Part No. - W536120A |
|
Similar Description - W536120A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |