Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD34XX Datasheet(PDF) 11 Page - STMicroelectronics

Part # UPSD34XX
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD34XX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UPSD34XX Datasheet HTML 7Page - STMicroelectronics UPSD34XX Datasheet HTML 8Page - STMicroelectronics UPSD34XX Datasheet HTML 9Page - STMicroelectronics UPSD34XX Datasheet HTML 10Page - STMicroelectronics UPSD34XX Datasheet HTML 11Page - STMicroelectronics UPSD34XX Datasheet HTML 12Page - STMicroelectronics UPSD34XX Datasheet HTML 13Page - STMicroelectronics UPSD34XX Datasheet HTML 14Page - STMicroelectronics UPSD34XX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 264 page
background image
uPSD34xx
Pin descriptions
11/293
2
Pin descriptions
Figure 3.
TQFP52 connections
Note:
1
For 5V applications, VDD must be connected to a 5.0V source. For 3.3V applications, VDD
must be connected to a 3.3V source.
2
These signals can be used on one of two different ports (Port 1 or Port 4) for flexibility.
Default is Port1.
3AVREF and 3.3V AVCC are shared in the 52-pin package only. ADC channels must use 3.3V
as AVREF for the 52-pin package.
39 P1.5/SPIRXD(2)/ADC5
38 P1.4/SPICLK(2)/ADC4
37 P1.3/TXD1(IrDA)(2)/ADC3
36 P1.2/RXD1(IrDA)(2)/ADC2
35 P1.1/T2X(2)/ADC1
34 P1.0/T2(2)/ADC0
33 VDD
(1)
32 XTAL2
31 XTAL1
30 P3.7/SCL
29 P3.6/SDA
28 P3.5/C1
27 P3.4/C0
PD1/CLKIN
PC7
JTAG TDO
JTAG TDI
DEBUG
3.3V VCC
USB+
VDD
(1)
GND
USB–
PC2/VSTBY
JTAG TCK
JTAG TMS
1
2
3
4
5
6
7
8
9
10
11
12
13
AI09696b


Similar Part No. - UPSD34XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
More results

Similar Description - UPSD34XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
   Antenna tuning circuit with turbo and glide
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
   Antenna tuning circuit with turbo and glide
logo
Pixart Imaging Inc.
PAC107 PIXART-PAC107 Datasheet
1Mb / 53P
   SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com