Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1060 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XE1060
Description  Single In-Line Telephone Line Interfaces for Europe
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1060 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XE1060 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
XECOM
(4)
XE10X0
XE1030 Electrical Specifications (Vcc=+5v ±10%, Ta=0 to 70 deg C)
Power Supply Current
Off-Hook
10
15
mA
Transmit Insertion loss
600 Ohm Impedance, 1000 Hz
2
4
dB
Receive Insertion loss
600 Ohm Impedance, 1000 Hz
2
4
dB
Line Impedance
At 1000 Hz
540
600
660
Ohms
Coupler Match
Input impedance to T1 & T2
430
Ohms
input impedance
for 600 ohm line impedance
6.8
nFd
Ring Detect Sensitivity
Minimum Ring voltage detected as a
10
20
Vrms
valid ring signal
RI Output Voltage
Ring present at Tip & Ring
4.2
Volts
Loop Current Switch
OFF: (on-hook)
2.0
3.0
Volts
Control Voltage
ON: (off-hook)
0.2
0.5
Volts
OH Control Current
Off-Hook
5
mA
Telephone Loop Current
Off-Hook
10
120
mA
Parameter
Conditions
Min
Typ
Max
Units
XE1040 Electrical Specifications (Vcc=+5v ±10%, Ta=0 to 70 deg C)
Power Supply Current
Off-Hook
10
15
mA
Transmit Insertion loss
600 Ohm Impedance, 1000 Hz
2
4
dB
Receive Insertion loss
600 Ohm Impedance, 1000 Hz
2
4
dB
Line Impedance
At 1000 Hz
Complex
Coupler Match
Input impedance to T1 & T2
820
Ohms
input impedance
for complex line impedance
82
nFd
Ring Detect Sensitivity
Minimum Ring voltage detected as a
20
Vrms
valid ring signal
RI Output Voltage
Ring present at Tip & Ring
4.2
Volts
Loop Current Switch
OFF: (on-hook)
2.0
3.0
Volts
Control Voltage
ON: (off-hook)
0.2
0.5
Volts
OH Control Current
Off-Hook
5
mA
Telephone Loop Current
Off-Hook
10
60
mA
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - XE1060

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XE1000-BD MIMIX-XE1000-BD Datasheet
162Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
XE1000-BD-000V MIMIX-XE1000-BD-000V Datasheet
162Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
XE1000-BD-EV1 MIMIX-XE1000-BD-EV1 Datasheet
162Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
XE1001-BD MIMIX-XE1001-BD Datasheet
1Mb / 1P
   2.0-19.0 GHz GaAs MMIC Frequency Divider
logo
List of Unclassifed Man...
XE100NS ETC-XE100NS Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
More results

Similar Description - XE1060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
   Telephone Line Equalizer
logo
Micro Linear Corporatio...
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
STMicroelectronics
TA0313 STMICROELECTRONICS-TA0313 Datasheet
212Kb / 9P
   STMicroelectronics Solutions for ADSL Line Interfaces
logo
Shanghai Leiditech Elec...
LC2574N LEIDITECH-LC2574N Datasheet
859Kb / 4P
   4-Line TVS for Ethernet Interfaces
logo
Bi technologies
D83C BITECH-D83C Datasheet
483Kb / 4P
   Single-In-Line
logo
Meder Electronic
SIL MEDER-SIL Datasheet
511Kb / 4P
   Single-In-Line
logo
Shanghai Leiditech Elec...
LC3374N LEIDITECH-LC3374N Datasheet
694Kb / 4P
   4-Line TVS for Ethernet Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com