Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1060 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XE1060
Description  Single In-Line Telephone Line Interfaces for Europe
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1060 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XE1060 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1060 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Single In-Line Telephone Line Interfaces for Europe
XE10X0
2/98
Features
* Small Size: 1.6" by 0.5" by 0.45";
* EN41003 Compliant;
* Ring Detection;
* Internal hookswitch;
* Single +5V Operation;
* 3750 Volts RMS Isolation, 1500 Volts on XE1060;
* V.34.bis compatibility, 33.6 KBPS data transfer;
Models
* XE1030 for the UK;
* XE1040 for Germany;
* XE1050 for France;
* XE1060 for US, Canada, and Japan;
* XE1070 for Italy;
* XE1080 for Spain
Description
Xecom's XE10X0 Single In-Line telephone
interfaces offer complete, highly compact telephone
interfaces for Europe, Japan and North America.
The XE10X0 family includes six models. Each
meets the regulatory requirements for connection
to the telephone network in one or more countries.
A common single in-line package provides
maximum flexibility in component placement and
permits world-wide connectivity from one, simple
circuit board layout.
XE1030 complies with the requirements of several
European countries including the United Kingdom.
It supplies 3750 volts isolation from the telephone
line and has BABT, UL and CSA approval.
XE1040 provides the circuitry to connect to the
German telephone network. It includes the 16
Khz Meter Tone Filter and 3750 volts isolation.
The XE1040 also has BABT approval.
XE1050 meets French telephone network
requirements. It includes BABT approval, over
current protection on both tip and ring, and
provides 3750 volt isolation.
XE1060 meets telecom requirements for North
America and Japan. It provides 1500 volts
isolation from the telephone network and is FCC
part 68 compliant.
XE1070 provides a connection to the Italian
telephone network. XE1070 includes BABT
approval and provides 3750 volt isolation.
XE1080 connects to the Spanish telephone
network. XE1080 includes BABT approval and
provides 3750 volt isolation.
XE10X0 Pin Configuration
1
2
3
4
5
6
7
8
9
Ring
Tip
OH
MUTE
T1
T2
GND
RI
VCC


Similar Part No. - XE1060

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XE1000-BD MIMIX-XE1000-BD Datasheet
162Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
XE1000-BD-000V MIMIX-XE1000-BD-000V Datasheet
162Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
XE1000-BD-EV1 MIMIX-XE1000-BD-EV1 Datasheet
162Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
XE1001-BD MIMIX-XE1001-BD Datasheet
1Mb / 1P
   2.0-19.0 GHz GaAs MMIC Frequency Divider
logo
List of Unclassifed Man...
XE100NS ETC-XE100NS Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
More results

Similar Description - XE1060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
   Telephone Line Equalizer
logo
Micro Linear Corporatio...
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
   TELEPHONE LINE EQUALIZER
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
STMicroelectronics
TA0313 STMICROELECTRONICS-TA0313 Datasheet
212Kb / 9P
   STMicroelectronics Solutions for ADSL Line Interfaces
logo
Shanghai Leiditech Elec...
LC2574N LEIDITECH-LC2574N Datasheet
859Kb / 4P
   4-Line TVS for Ethernet Interfaces
logo
Bi technologies
D83C BITECH-D83C Datasheet
483Kb / 4P
   Single-In-Line
logo
Meder Electronic
SIL MEDER-SIL Datasheet
511Kb / 4P
   Single-In-Line
logo
Shanghai Leiditech Elec...
LC3374N LEIDITECH-LC3374N Datasheet
694Kb / 4P
   4-Line TVS for Ethernet Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com