Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL38 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT83SL38
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38 Datasheet(HTML) 3 Page - Exar Corporation

  XRT83SL38 Datasheet HTML 1Page - Exar Corporation XRT83SL38 Datasheet HTML 2Page - Exar Corporation XRT83SL38 Datasheet HTML 3Page - Exar Corporation XRT83SL38 Datasheet HTML 4Page - Exar Corporation XRT83SL38 Datasheet HTML 5Page - Exar Corporation XRT83SL38 Datasheet HTML 6Page - Exar Corporation XRT83SL38 Datasheet HTML 7Page - Exar Corporation XRT83SL38 Datasheet HTML 8Page - Exar Corporation XRT83SL38 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
XRT83SL38
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PRELIMINARY
REV. P1.1.0
3
and G.823; TR-TSY-000499; ANSI T1.403 and
T1.408; ETSI 300-166 and AT&T Pub 62411
• Supports both Hardware and Host (parallel Micro-
processor) interface for programming
• Programmable Interrupt
• Low power dissipation
• Logic inputs accept either 3.3V or 5V levels
• Single 3.3V Supply Operation
• 208 pin TQFP or 225 ball BGA package
• -40°C to +85°C Temperature Range
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT83SL38IV
208 Lead TQFP (28 x 28 x 1.4mm)
-40°C to +85°C
XRT83SL38IB
225 Ball BGA
-40°C to +85°C
FIGURE 3. PIN OUT OF THE XRT83SL38
XRT83SL38
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
RNEG_3 / LC V_3
RCLK_3
RLOS_3
TN EG_3 / CO DE S_3
TP OS_3 / TD ATA_3
TCLK_3
TCLK_2
TP OS_2 / TD ATA_2
TN EG_2 / CO DE S_2
DMO _3
JAS EL0
JAS EL1
TXON _0
TXON _1
TXON _2
TXON _3
A[7] / LOOP 1_3
A[6] / LOOP 0_3
A[5] / LOOP 1_2
A[4] / LOOP 0_2
A[3] / LOOP 1_1
A[2] / LOOP 0_1
A[1] / LOOP 1_0
A[0] / LOOP 0_0
DV DD
PreD river
DVDD
Driver
DVDD
DG ND
DGND
Driver
DG ND
PreD river
C LKS EL0
C LKS EL1
C LKS EL2
W R _R /W / EQC 0
R D_D S / EQC 1
ALE_AS / EQC 2
CS / EQC 3
R DY_D TA CK / EQC 4
TAO S_0
TAO S_1
TAO S_2
TAO S_3
DMO _0
TN EG_1 / CO DE S_1
TP OS_1 / TD ATA_1
TCLK_1
TCLK_0
TP OS_0 / TD ATA_0
TN EG_0 / CO DE S_0
RLOS_0
RCLK_0
RNEG_0 / LC V_0
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
RNEG_7/LCV _7
RCLK_7
RLOS_7
TN EG_7 / CO DE S_7
TPO S_7 / TDATA_7
TC LK_7
TC LK_6
TPO S_6 / TDATA_6
TN EG_6 / CO DE S_6
DMO_7
µ PCLK / ATAOS
TXO N_7
TXO N_6
TXO N_5
TXO N_4
RXM UTE
IC T
TEST
TER SEL0
TER SEL1
TXTSEL
R XTSEL
RXRES0
RXRES1
HW _H OST
DVDD
DVDD
DGND
DGND
RES ET
D [0] / LOOP 0_7
D [1] / LOOP 1_7
D [2] / LOOP 0_6
D [3] / LOOP 1_6
D [4] / LOOP 0_5
D [5] / LOOP 1_5
D [6] / LOOP 0_4
D [7] / LOOP 1_4
TAO S_7
TAO S_6
TAO S_5
TAO S_4
DMO_4
TN EG_5 / CO DE S_5
TPO S_5 / TDATA_5
TC LK_5
TC LK_4
TPO S_4 / TDATA_4
TN EG_4 / CO DE S_4
RLOS_4
RCLK_4
RNEG_4 / LC V_4


Similar Part No. - XRT83SL38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL38 EXAR-XRT83SL38 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83SL38IB EXAR-XRT83SL38IB Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results

Similar Description - XRT83SL38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com