Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD9855AIV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRD9855AIV
Description  CCD Image Digitizers with CDS, PGA and 10-Bit A/D
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9855AIV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRD9855AIV Datasheet HTML 5Page - Exar Corporation XRD9855AIV Datasheet HTML 6Page - Exar Corporation XRD9855AIV Datasheet HTML 7Page - Exar Corporation XRD9855AIV Datasheet HTML 8Page - Exar Corporation XRD9855AIV Datasheet HTML 9Page - Exar Corporation XRD9855AIV Datasheet HTML 10Page - Exar Corporation XRD9855AIV Datasheet HTML 11Page - Exar Corporation XRD9855AIV Datasheet HTML 12Page - Exar Corporation XRD9855AIV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
XRD9855/9856
XRD98L55/98L56
9
Rev. 1.01
DC ELECTRICAL CHARACTERISTICS – XRD98L55 and XRD98L56 (CONT'D)
Unless otherwise specified: DVDD = VDD = 2.7V, Pixel Rate = 18MSPS, VRT = 2.7V, VRB = 0.27V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
System Specifications
DNLS
System DNL
1.0
LSB
XRD98L55 up to 18 MSPS
DNLS27
System DNL 27 MSPS
1.5
LSB
XRD98L56 up to 27 MSPS
INLSMIN
INL @ Minimum Gain
2
LSB
INL error is dominated by CDS/PGA
linearity.
INLSMAX
INL @ Maximum Gain
2
LSB
INL error is dominated by CDS/PGA
linearity.
VOS MINAV
Offset (Input Referred) @
5
mV
Offset is defined as the input pixel
Minimum Gain
value -0.5 LSB required to cause the
ADC output to switch from “Zero
scale” to “Zero scale + 1LSB”.
Offset is measured after
calibration.
VOS MAXAV
Offset (Input Referred) @
1
mV
Zero scale is the code in the offset
Maximum Gain
register.
Offset depends on PGA gain code.
en MAXAV
Input Referred Noise @
0.2
mVrms
Noise depends upon gain setting of
Maximum Gain
the PGA.
en MINAV
Input Referred Noise @
0.7
mVrms
Noise depends upon gain setting of
Minimum Gain
the PGA.
Digital Inputs
VIH
Digital Input High Voltage
1.5
V
VIL
Digital Input Low Voltage
0.7
V
IL
DC Leakage Current
5
µA
Input Between GND and VDD.
CIN
Input Capacitance
5
pF
Digital Outputs
VOH
Digital Output High Voltage
DVDD-0.5
V
While sourcing 2mA.
VOL
Digital Output Low Voltage
0.5
V
While sinking 2mA.
IOZ
High–Z Leakage
-10
10
µA
OE=1 or STBY1= STBY2 = 0.
Output between GND & DVDD.


Similar Part No. - XRD9855AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD9853AIV EXAR-XRD9853AIV Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
More results

Similar Description - XRD9855AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L62 EXAR-XRD98L62 Datasheet
276Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
Renesas Technology Corp
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
   CDS/PGA & 10-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com