Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7298 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT7298
Description  DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7298 Datasheet(HTML) 5 Page - Exar Corporation

  XRT7298 Datasheet HTML 1Page - Exar Corporation XRT7298 Datasheet HTML 2Page - Exar Corporation XRT7298 Datasheet HTML 3Page - Exar Corporation XRT7298 Datasheet HTML 4Page - Exar Corporation XRT7298 Datasheet HTML 5Page - Exar Corporation XRT7298 Datasheet HTML 6Page - Exar Corporation XRT7298 Datasheet HTML 7Page - Exar Corporation XRT7298 Datasheet HTML 8Page - Exar Corporation XRT7298 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XRT7298

5HY 
ELECTRICAL
CHARACTERISTICS
(See Figure 8 )
T est Conditions: VDD =5V ± 5%, T A = -40GC to +85GC, unless otherwise specified. All timing characteristics
are measured with 10pF loading.
Symbol
Parameter
Min.
T yp.
Max.
Units
AC Electrical Characteristics
7&/. &ORFN 'XW\ &\FOH '6  676




7&/. &ORFN 'XW\ &\FOH (




W5
7&/. &ORFN 5LVH 7LPH  WR 

QV
W)
7&/. &ORFN )DOO 7LPH  WR 

QV
W768
73'$7$71'$7$ WR 7&/. )DOOLQJ 6HW 8S 7LPH

QV
W7+2
73'$7$71'$7$ WR 7&/. )DOOLQJ +ROG 7LPH

QV
W7'<
77,375,1* WR 7&/. 5LVLQJ 3URSDJDWLRQ 'HOD\ 


QV
5&/. &ORFN 'XW\ &\FOH




W5
5&/. &ORFN 5LVH 7LPH  WR 

QV
W)
5&/. &ORFN )DOO 7LPH  WR 

QV
W568
53'$7$51'$7$ WR 5&/. )DOOLQJ 6HW 8S 7LPH

QV
W5+2
53'$7$51'$7$ WR 5&/. )DOOLQJ +ROG 7LPH

QV
W5
5&/.2 &ORFN 5LVH 7LPH  WR 

QV
W)
5&/.2 &ORFN )DOO 7LPH  WR 

QV
W5'<
532651(*515= WR 5&/.2 5LVLQJ 3URSDJDWLRQ
'HOD\ 

QV
DC Electrical Characteristics
9'''
9''$
'& 6XSSO\ 9ROWDJH



9
6XSSO\ &XUUHQW 

P$
9,/
,QSXW /RZ 9ROWDJH


9
9,+
,QSXW +LJK 9ROWDJH
9'' 
9'''
9
92/
2XWSXW /RZ 9ROWDJH ,287 P$
*1''

9
92+
2XWSXW +LJK 9ROWDJH ,287 P$
9'''  
9'''
9
,/
,QSXW /HDNDJH &XUUHQW 
± 
2$
3LQ  ,QSXW 9


2$
&,
,QSXW &DSDFLWDQFH

S)
&/
/RDG &DSDFLWDQFH

S)
Notes:
1 Whentheencoderis enabled,a handlingdelayof six TCLK clockcyclesfor B3ZS andseven clockcyclesfor HDB3
alwaysexists betweenTPDA T A/TNDAT A andTTIP/TRING. The handlingdelayis reducedtothreeanda halfcycleswhentheen
coderis disabled.
2 Whenthedecoderis enabled,a handlingdelayof six anda halfRCLK clockcycleswill alwaysexist betweenRPDAT A/RNDAT A
andRPOS/RNEG. The handlingdelayis reducedto oneandhalfRCLK clockcycleswhenthedecoderis disabled.
3 Supply currentis measuredwithtransmittersendingall ones AMI signal andwithT ransmit Level (TXLEV) set to high.
4 All inputs exceptpin 19, 20 andpin 26.
Specifications are subject to changewithout notice


Similar Part No. - XRT7298

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
XRT7298 PULSE-XRT7298 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS Extended Temperature Range
XRT7298 PULSE-XRT7298 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - XRT7298

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
   DS3/STS-1, E3 Integrated Line Transmitter
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
   XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
logo
M/A-COM Technology Solu...
29306-BRF-001-A MA-COM-29306-BRF-001-A Datasheet
511Kb / 2P
   6-Port DS3/E3/STS-1 Integrated Line Termination
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A Datasheet
502Kb / 2P
   12-Port DS3/E3/STS-1 Electrical Integrated Line
logo
Exar Corporation
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-BRF-001-A MA-COM-28333-BRF-001-A_15 Datasheet
120Kb / 4P
   DS3/E3/STS-1 Line lnterface Unit
28333-BRF-001-A MA-COM-28333-BRF-001-A Datasheet
120Kb / 4P
   DS3/E3/STS-1 Line lnterface Unit
logo
Exar Corporation
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com