Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-700-CFF-GFL Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VC-700-CFF-GFL
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-700-CFF-GFL Datasheet(HTML) 3 Page - Vectron International, Inc

  VC-700-CFF-GFL Datasheet HTML 1Page - Vectron International, Inc VC-700-CFF-GFL Datasheet HTML 2Page - Vectron International, Inc VC-700-CFF-GFL Datasheet HTML 3Page - Vectron International, Inc VC-700-CFF-GFL Datasheet HTML 4Page - Vectron International, Inc VC-700-CFF-GFL Datasheet HTML 5Page - Vectron International, Inc VC-700-CFF-GFL Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VC-700 Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
3
Pin Out
Tape and Reel (EIA-481-2-A)
Pin
Symbol
Function
1
2
3
4
5
6
Vc
N/C or OE
GND
Output
COutput
Vcc
VCXO Control Voltage
Output Disable
Enabled = PECL Logic 0 (or Open)
Disabled = PECL Logic 1
Case and Electrical Ground
Output
Complementary Output
Power Supply Voltage (3.3V or 5V)
Dimension
Tolerance
VC-700
W
Typ
16
F
Typ
7.5
Do
Typ
1.5
Po
Typ
4
P1
Typ
8
A
Typ
178
B
Min
1.5
C
Typ
13
D
Min
20.2
N
Min
50
W1
Typ
16.4
W2
Max
22.4
# Per
Reel
200
Outline Diagram
Pad Layout
Reel Dimension (mm)
Tape Dimensions (mm)
10188_VECTRON
05/21/03
3:14 PM
Page 3


Similar Part No. - VC-700-CFF-GFL

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-706-ECE-EA VECTRON-VC-706-ECE-EA Datasheet
196Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
VC-706-ECE-FA VECTRON-VC-706-ECE-FA Datasheet
196Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
VC-706-ECE-KA VECTRON-VC-706-ECE-KA Datasheet
196Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
VC-706-ECE-SA VECTRON-VC-706-ECE-SA Datasheet
196Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
VC-706-ECW-EA VECTRON-VC-706-ECW-EA Datasheet
196Kb / 7P
   LVPECL, LVDS Crystal Oscillator Data Sheet
More results

Similar Description - VC-700-CFF-GFL

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com