Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT79RV5000180G Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT79RV5000180G
Description  MULTI-ISSUE 64-BIT MICROPROCESSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV5000180G Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT79RV5000180G Datasheet HTML 5Page - Integrated Device Technology IDT79RV5000180G Datasheet HTML 6Page - Integrated Device Technology IDT79RV5000180G Datasheet HTML 7Page - Integrated Device Technology IDT79RV5000180G Datasheet HTML 8Page - Integrated Device Technology IDT79RV5000180G Datasheet HTML 9Page - Integrated Device Technology IDT79RV5000180G Datasheet HTML 10Page - Integrated Device Technology IDT79RV5000180G Datasheet HTML 11Page - Integrated Device Technology IDT79RV5000180G Datasheet HTML 12Page - Integrated Device Technology IDT79RV5000180G Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9 of 15
April 10, 2001
79RC5000
CCCCapac
apac
apac
apaciti
iti
iti
itivvvveeee Load Deration—RC500
Load Deration—RC500
Load Deration—RC500
Load Deration—RC5000000
6\VWHP ,QWHUIDFH
6\VWHP ,QWHUIDFH
6\VWHP ,QWHUIDFH
6\VWHP ,QWHUIDFH 3
3
3
3D
DD
DUD
UD
UD
UDPHWH
PHWH
PHWH
PHWHUUUUV³
V³5
5
5
5&
&
&
&



Note: 50 pf loading on external output signals
%
%
%
%RRW 7LPH ,
RRW 7LPH ,
RRW 7LPH ,
RRW 7LPH ,Q
QQ
QWHU
WHU
WHU
WHUIIIIDFH 3D
DFH 3D
DFH 3D
DFH 3DUUUUDPHWH
DPHWH
DPHWH
DPHWHUUUUVVVV³
³
³
³5
5
5
5&
&
&
&
3DUDPHWHU 6\PERO
7HVW &RQGLWLRQV
0+]
0+]
0+]
8QLWV
MinMax
MinMax
MinMax
Load Derate
CLD
——
2
2
2
ns/25pF
3DUDPHWHU 6\PERO
7HVW &RQGLWLRQV
 0+]
SLSHOLQH 
 0+] %XV
)UHTXHQF\
 0+]
SLSHOLQH 
0+] %XV
)UHTXHQF\
0+]
SLSHOLQH 
 0+] %XV
)UHTXHQF\
8QLWV
Min
Max
Min
Max
Min
Max
Data Output
tDO = Max
tDM = Min
mode14..13 = 10 (fastest, 100%) 0
1
1. Guaranteed by design.
701
501
4.7
ns
mode14..13 = 11 (83%)
01
801
701
5ns
mode14..13 = 00 (67%)
01
901
901
6ns
mode14..13 = 01 (slowest, 50%) 0
1
11
01
11
01
7ns
Data Output Hold
tDOH
1
mode14..13 = 10 (fastest)
0
0
0
ns
mode14..13 = 11 (83%)
0
0
0
ns
mode14..13 = 00 (67%)
0
0
0
ns
mode14..13 = 01 (slowest)
0
0
0
ns
Data Input
tDS
trise = 3ns
tfall = 3ns
1.5
1.5
1.5
ns
tDH
0.5
0.5
0.5
ns
3DUDPHWHU
6\PERO
7HVW
&RQGLWLRQV
0+]
0+]
0+] 
 0+]
0+] 
 0+]
8QLWV
&RQGLWLRQV
Min
Max
Min
Max
Min
Max
Mode Data Setup
tDS
4
4
4
ns
Master Clock Cycle
Mode Data Hold
tDH
0
0
0
ns
Master Clock Cycle


Similar Part No. - IDT79RV5000180G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV3041 IDT-IDT79RV3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041 IDT-IDT79RV3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-16 IDT-IDT79RV3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-20 IDT-IDT79RV3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-25 IDT-IDT79RV3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results

Similar Description - IDT79RV5000180G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTRC5000 IDT-IDTRC5000 Datasheet
440Kb / 16P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com