Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5520 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 1 Page - Analog Devices

  AD5520 Datasheet HTML 1Page - Analog Devices AD5520 Datasheet HTML 2Page - Analog Devices AD5520 Datasheet HTML 3Page - Analog Devices AD5520 Datasheet HTML 4Page - Analog Devices AD5520 Datasheet HTML 5Page - Analog Devices AD5520 Datasheet HTML 6Page - Analog Devices AD5520 Datasheet HTML 7Page - Analog Devices AD5520 Datasheet HTML 8Page - Analog Devices AD5520 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD5520
Per Pin Parametric
Measurement Unit/Source Measure Unit
FEATURES
Force/Measure Functions
Force Voltage/Current, Measure Current/Voltage
Force Current/Voltage, Measure Current/Voltage
Force/Measure Voltage Range
11 V
4 Programmable Force/Measure Current Ranges
4
A,
40
A,
400
A,
4 mA
Extended Current Ranges
40 mA and
160 mA with External Driver
Clamp Circuitry and Window Comparators On Board
Guard Amplifier
64-Lead LQFP Package
APPLICATIONS
Automatic Test Equipment
Per Pin PMU, Shared Pin PMU, Device Power Supply
Instrumentation
Source Measure, Parametric Measurement, Precision
Measurement
FUNCTIONAL BLOCK DIAGRAM
MEASI4H
FIN
BW SELECT
FOH1
FOH2
FOH3
FOH0
AVEE AVCC
CLH
CLL
REFGND
MEASIOUT
MEASOUT
MEASVOUT
G = 16
G = 1
CPH
CPOH
CPOH
CPL
MEASI5H
MEASIL
GUARDIN
GUARD
MEASVH
MEASVL
AGND
QM5
QM4
CLAMP
DETECT
VSENSE
INST AMP
ISENSE
INST AMP
LOGICS
CPCK
AD5520
COMPARATOR
G = 1
FOH
MEASI3H
MEASI2H
MEASI1H
MEASI0H
GENERAL DESCRIPTION
The AD5520 is a single channel per pin parametric measure-
ment unit (PPMU) for use in semiconductor automatic test
equipment. The part is also suited for use as a source
measurement unit for instrumentation applications. It
contains programmable modes to force a pin voltage and
measure the corresponding current or force a current and
measure the voltage. The AD5520 can force/measure over a
±11 V range or currents up to ±4 mA with its on-board
force amplifier. An external amplifier is required for wider
current ranges. The device provides a force sense capability to
ensure accuracy at the tester pin. A guard output is also
available to drive the shield of a force/sense pair. The AD5520
is available in a 64-lead LQFP package.


Similar Part No. - AD5520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
AD5520 AD-AD5520 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JST AD-AD5520JST Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
More results

Similar Description - AD5520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com