Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43E26161G-95UF Datasheet(PDF) 7 Page - AMIC Technology

Part # A43E26161G-95UF
Description  1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E26161G-95UF Datasheet(HTML) 7 Page - AMIC Technology

Back Button A43E26161G-95UF Datasheet HTML 2Page - AMIC Technology A43E26161G-95UF Datasheet HTML 3Page - AMIC Technology A43E26161G-95UF Datasheet HTML 4Page - AMIC Technology A43E26161G-95UF Datasheet HTML 5Page - AMIC Technology A43E26161G-95UF Datasheet HTML 6Page - AMIC Technology A43E26161G-95UF Datasheet HTML 7Page - AMIC Technology A43E26161G-95UF Datasheet HTML 8Page - AMIC Technology A43E26161G-95UF Datasheet HTML 9Page - AMIC Technology A43E26161G-95UF Datasheet HTML 10Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
A43E26161
(December, 2004, Version 1.0)
6
AMIC Technology, Corp.
AC Operating Test Conditions
(VDD = 1.7V~1.95V, TA = 0
°C to +70°C or TA = -25ºC to +85ºC)
Parameter
Value
Unit
AC input levels
0.9 x VDDQ/0.2
V
Input timing measurement reference level
0.5 x VDDQ
V
Input rise and all time (See note3)
tr/tf = 1/1
ns
Output timing measurement reference level
0.5 x VDDQ
V
Output load condition
See Fig.2
Output
10.6K
13.9K
(Fig. 1) DC Output Load Circuit
ZO=50
OUTPUT
50
VTT =0.5V x VDDQ
30pF
(Fig. 2) AC Output Load Circuit
1.8V
30pF
VOH(DC) = VDDQ-0.2V, IOH = -0.1mA
VOL(DC) = 0.2V, IOL = 0.1mA
AC Characteristics
(AC operating conditions unless otherwise noted)
-95
Symbol
Parameter
Min
Max
Unit
Note
CL=3
9.5
tCC
CLK cycle time
CL=2
15
1000
ns
1
CL=3
-
7
tSAC
CLK to valid
Output delay
CL=2
-
8
ns
1,2
tOH
Output data hold time
2.5
-
ns
2
CL=3
3.5
-
tCH
CLK high pulse width
CL=2
3.5
-
ns
3
CL=3
3.5
-
tCL
CLK low pulse width
CL=2
3.5
-
ns
3
CL=3
3
-
tSS
Input setup time
CL=2
3
-
ns
3
tSH
Input hold time
1.5
-
ns
3
tSLZ
CLK to output in Low-Z
1
-
ns
2
CL=3
-
7
tSHZ
CLK to output in Hi-Z
CL=2
-
8
ns
CL=CAS Latency.
*All AC parameters are measured from half to half.
Note :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e.,
[(tr + tf)/2-1]ns should be added to the parameter.


Similar Part No. - A43E26161G-95UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E26161 AMICC-A43E26161 Datasheet
544Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
More results

Similar Description - A43E26161G-95UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43P26161 AMICC-A43P26161 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43E26161 AMICC-A43E26161 Datasheet
544Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161 AMICC-A43P26161_15 Datasheet
525Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com