Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1033ARQ-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1033ARQ-REEL
Description  Thermal Monitor and Fan Speed (RPM) Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1033ARQ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1033ARQ-REEL Datasheet HTML 5Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 6Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 7Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 8Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 9Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 10Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 11Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 12Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ADM1033
Rev. 0 | Page 9 of 40
S1
S2
S3
S4
S5
V1
V2
V3
V4
V5
DIODE TEMPERATURE (
°C)
2
1
0
–1
–2
–3
–4
–5
–6
–7
–60
–40
–20
0
80
100
120
40
60
20
140
MEAN
HIGH 4 SIGMA
LOW 4 SIGMA
Figure 10. Remote Temperature Error vs. Actual Diode Temperature
S1
S2
S3
S4
S5
V1
V2
V3
V4
V5
TEMPERATURE (
°C)
2
1
0
–1
–2
–3
–4
–5
–6
–7
–50
0
100
50
150
MEAN
HIGH 4 SIGMA
LOW 4 SIGMA
Figure 11. Local Temperature Error vs. Actual Temperature
FSCL (kHz)
430
420
410
400
390
380
370
360
1
10
1000
100
DEV 33
DEV 32
DEV 31
Figure 12. Standby Supply Current vs. SCLK Frequency
SUPPLY VOLTAGE (V)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
02
45
3
1
6
Figure 13. Standby Supply Current vs. Supply Voltage
CONVERSION RATE (Hz)
1200
1000
800
600
400
200
0
0.01
0.1
1
100
10
DEV 33
DEV 32
DEV 31
Figure 14. Supply Current vs. Conversion Rate
TEMPERATURE (
°C)
1.55
1.50
1.45
1.40
1.35
1.30
1.25
–60
–40
–20
0
100
40
60
80
20
Figure 15. Supply Current vs. ADM1033 Temperature


Similar Part No. - ADM1033ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1033ARQZ ONSEMI-ADM1033ARQZ Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADM1033ARQZ-RL7 ONSEMI-ADM1033ARQZ-RL7 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
More results

Similar Description - ADM1033ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com