Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT8660J Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AAT8660J
Description  ONE-CELL LI-ION BATTERY PROTECTION IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AAT8660J Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AAT8660J Datasheet HTML 1Page - List of Unclassifed Manufacturers AAT8660J Datasheet HTML 2Page - List of Unclassifed Manufacturers AAT8660J Datasheet HTML 3Page - List of Unclassifed Manufacturers AAT8660J Datasheet HTML 4Page - List of Unclassifed Manufacturers AAT8660J Datasheet HTML 5Page - List of Unclassifed Manufacturers AAT8660J Datasheet HTML 6Page - List of Unclassifed Manufacturers AAT8660J Datasheet HTML 7Page - List of Unclassifed Manufacturers AAT8660J Datasheet HTML 8Page - List of Unclassifed Manufacturers AAT8660J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 3 of 24
V 1.0
AAT8660 Series
PIN DESCRIPTION
PIN NO NAME
I/O
DESCRIPTION
1
out
D
O
Discharge Control Pin which Connects to External MOSFET Gate
2
VN
I
Voltage Detection Pin between VN and GND
3
out
C
O
Charge Control Pin which Connects to External MOSFET Gate.
4
NULL
Null Pad.
5
DD
V
I
Power Supply Input Pin
6
GND
I
Ground
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Supply Voltage
DD
V
3
.
0
to 8.0
V
VN Pin Input Voltage
VN
V
20
V
DD
to
3
.
0
V
DD +
V
out
D
Pin Output Voltage
Dout
V
3
.
0
to
3
.
0
V
DD +
V
out
C
Pin Output Voltage
Cout
V
3
.
0
V
VN
to
3
.
0
V
DD +
V
Power Dissipation
d
P
150
mW
Operating Temperature Range
C
T
40
to +85
C
o
Storage Temperature Range
storage
T
40
to +125
C
o
RECOMMENDED OPERATING CONDITIONS
TEST CONDITION
MIN
MAX
UNIT
Supply Voltage,
DD
V
Voltage Defined as
DD
V
to GND
1.5
7.0
V
out
D
Output Voltage
GND
DD
V
V
out
C
Output Voltage
VN
DD
V
V
OPERATION VOLTAGE AND OPERATION CURRENT
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Supply Current at Normal Operation
Mode
DD
V =3.3V; VN=0V; GND=0V
3.0
6.0
A
µ
Standby Current at Power Down Mode
-
-
0.1
A
µ
Operation Voltage between
DD
V
and
VN
1.5
20.0
V


Similar Part No. - AAT8660J

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8660J AAT-AAT8660J Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results

Similar Description - AAT8660J

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8641 AAT-AAT8641 Datasheet
626Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8636 AAT-AAT8636 Datasheet
162Kb / 16P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
   One-cell Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
   One-cell li-ion/li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com