Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21364SBBC-ENG Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-21364SBBC-ENG
Description  SHARC Processor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBC-ENG Datasheet(HTML) 3 Page - Analog Devices

  ADSP-21364SBBC-ENG Datasheet HTML 1Page - Analog Devices ADSP-21364SBBC-ENG Datasheet HTML 2Page - Analog Devices ADSP-21364SBBC-ENG Datasheet HTML 3Page - Analog Devices ADSP-21364SBBC-ENG Datasheet HTML 4Page - Analog Devices ADSP-21364SBBC-ENG Datasheet HTML 5Page - Analog Devices ADSP-21364SBBC-ENG Datasheet HTML 6Page - Analog Devices ADSP-21364SBBC-ENG Datasheet HTML 7Page - Analog Devices ADSP-21364SBBC-ENG Datasheet HTML 8Page - Analog Devices ADSP-21364SBBC-ENG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 3 of 52
|
September 2004
GENERAL DESCRIPTION
The ADSP-21364 SHARC processor is a member of the SIMD
SHARC family of DSPs that feature Analog Devices' Super Har-
vard Architecture. The ADSP-21364 is source code compatible
with the ADSP-2126x, and ADSP-2116x DSPs as well as with
first generation ADSP-2106x SHARC processors in SISD (Sin-
gle-Instruction, Single-Data) mode. The ADSP-21364 is a 32-
bit/40-bit floating point processor optimized for professional
audio applications with a large on-chip SRAM, multiple internal
buses to eliminate I/O bottlenecks, and an innovative Digital
Audio Interface (DAI).
As shown in the functional block diagram on Page 1, the
ADSP-21364 uses two computational units to deliver a signifi-
cant performance increase over previous SHARC processors on
a range of signal processing algorithms. Fabricated in a state-of-
the-art, high speed, CMOS process, the ADSP-21364 processor
achieves an instruction cycle time of 3.0 ns at 333 MHz. With its
SIMD computational hardware, the ADSP-21364 can perform 2
GFLOPS running at 333 MHz.
Table 1 shows performance benchmarks for the ADSP-21364.
The ADSP-21364 continues SHARC’s industry leading stan-
dards of integration for DSPs, combining a high performance
32-bit DSP core with integrated, on-chip system features.
The block diagram of the ADSP-21364 on Page 1, illustrates the
following architectural features:
• Two processing elements, each of which comprises an
ALU, Multiplier, Shifter and Data Register File
• Data Address Generators (DAG1, DAG2)
• Program sequencer with instruction cache
• PM and DM buses capable of supporting four 32-bit data
transfers between memory and the core at every core pro-
cessor cycle
• Three Programmable Interval Timers with PWM Genera-
tion, PWM Capture/Pulse width Measurement, and
External Event Counter Capabilities
•On-Chip SRAM (3M bit)
• On-Chip mask-programmable ROM (4M bit)
• 8- or 16-bit Parallel port that supports interfaces to off-chip
memory peripherals
• JTAG test access port
The block diagram of the ADSP-21364 on Page 6, illustrates the
following architectural features:
• DMA controller
• Six full duplex serial ports
• Two SPI-compatible interface ports—primary on dedi-
cated pins secondary on DAI pins
• Digital Audio Interface that includes two precision clock
generators (PCG), an input data port (IDP), an S/PDIF
receiver/transmitter, eight channels asynchronous sample
rate converters, six serial ports, eight serial interfaces, a 20-
bit parallel input port, 10 interrupts, six flag outputs, six
flag inputs, three timers, and a flexible signal routing unit
(SRU)
Figure 2 on Page 4 shows one sample configuration of a SPORT
using the precision clock generators to interface with an I2S
ADC and an I2S DAC with a much lower jitter clock than the
serial port would generate itself. Many other SRU configura-
tions are possible.
ADSP-21364 FAMILY CORE ARCHITECTURE
The ADSP-21364 is code compatible at the assembly level with
the ADSP-2126x, ADSP-21160 and ADSP-21161, and with the
first generation ADSP-2106x SHARC DSPs. The ADSP-21364
shares architectural features with the ADSP-2126x and
ADSP-2116x SIMD SHARC processors, as detailed in the fol-
lowing sections.
SIMD Computational Engine
The ADSP-21364 contains two computational processing ele-
ments that operate as a Single-Instruction Multiple-Data
(SIMD) engine. The processing elements are referred to as PEX
and PEY and each contains an ALU, multiplier, shifter and reg-
ister file. PEX is always active, and PEY may be enabled by
setting the PEYEN mode bit in the MODE1 register. When this
mode is enabled, the same instruction is executed in both pro-
cessing elements, but each processing element operates on
different data. This architecture is efficient at executing math
intensive signal processing algorithms.
Entering SIMD mode also has an effect on the way data is trans-
ferred between memory and the processing elements. When in
SIMD mode, twice the data bandwidth is required to sustain
computational operation in the processing elements. Because of
this requirement, entering SIMD mode also doubles the band-
width between memory and the processing elements. When
using the DAGs to transfer data in SIMD mode, two data values
are transferred with each access of memory or the register file.
Table 1. ADSP-21364 Benchmarks (at 333 MHz)
Benchmark Algorithm
Speed
(at 333 MHz)
1024 Point Complex FFT (Radix 4, with reversal) 27.9
µs
FIR Filter (per tap)1
1 Assumes two files in multichannel SIMD mode
1.5 ns
IIR Filter (per biquad)1
6.0 ns
Matrix Multiply (pipelined)
[3x3] × [3x1]
[4x4] × [4x1]
13.5 ns
23.9 ns
Divide (y/×)
10.5 ns
Inverse Square Root
16.3 ns


Similar Part No. - ADSP-21364SBBC-ENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21364 AD-ADSP-21364 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21364BBC-1AA AD-ADSP-21364BBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21364BBCZ-1AA AD-ADSP-21364BBCZ-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21364BSWZ-1AA AD-ADSP-21364BSWZ-1AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
ADSP-21364KBC-1AA AD-ADSP-21364KBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21364SBBC-ENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com