Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB-ASG304-IF Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EB-ASG304-IF
Description  DC-2000 MHz SiGe HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB-ASG304-IF Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  EB-ASG304-IF Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG304-IF Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG304-IF Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG304-IF Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG304-IF Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG304-IF Datasheet HTML 6Page - List of Unclassifed Manufacturers EB-ASG304-IF Datasheet HTML 7Page - List of Unclassifed Manufacturers EB-ASG304-IF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
www.ASB.co.kr
June 2003
1) OIP3 is measured with two tones at an output power of +8 dBm/tone
separated by 1 MHz.
2) For 6 V operation, RBias should be replaced with 7.5 kohm.
OIP vs. Frequency
Noise Figure vs. Frequency
ASG304
Frequency (MHz)
100
100
Magnitude S21 (dB)
19.6
19.7
Magnitude S11 (dB)
-13.5
-13.5
Magnitude S22 (dB)
-11.0
-11.0
Output P1dB (dBm)
22.0
22.8
Output IP3
1) (dBm)
37
36
Noise Figure (dB)
5.6
5.6
Supply Voltage (V)
5
6
2)
Current (mA)
113
114
Typical Performance
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters
Application Circuit: 10-200 MHz for IF
C2=100 pF
C1=68 nF
RBIAS=6.2 k
L1=560 nH
ASG304
C3=68 nF
C4=
100 pF
C5=
1000 pF
C6=
0.1
µF
Vcc=5 V
RF IN
RF OUT
R1=30
R3=20
R2=750
0
50
100
150
200
0
10
20
30
40
Gain
Frequency (MHz)
0
200
400
600
800
1000
0
2
4
6
8
10
Frequency (MHz)
0
50
100
150
200
-20
-15
-10
-5
0
S11
S22
Frequency (MHz)
0
200
400
600
800
1000
10
20
30
40
50
60
70
80
OIP3
OIP2
Frequency (MHz)


Similar Part No. - EB-ASG304-IF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB-ASG101-2000 ETC-EB-ASG101-2000 Datasheet
188Kb / 6P
   DC-3000 MHz SiGe HBT Amplifier
EB-ASG101-900 ETC-EB-ASG101-900 Datasheet
188Kb / 6P
   DC-3000 MHz SiGe HBT Amplifier
EB-ASG402-2000 ETC1-EB-ASG402-2000 Datasheet
260Kb / 7P
   DC-3000 MHz SiGe HBT Amplifier
EB-ASG402-900 ETC1-EB-ASG402-900 Datasheet
260Kb / 7P
   DC-3000 MHz SiGe HBT Amplifier
More results

Similar Description - EB-ASG304-IF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-2463 ETC-SGA-2463 Datasheet
237Kb / 4P
   DC-2000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-4363 STANFORD-SGA-4363 Datasheet
255Kb / 4P
   DC-2000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
ASG101 ETC-ASG101 Datasheet
188Kb / 6P
   DC-3000 MHz SiGe HBT Amplifier
logo
Advanced Semiconductor ...
ASG330 ASB-ASG330 Datasheet
389Kb / 9P
   DC-2500 MHz SiGe HBT Amplifier
November 2007
logo
List of Unclassifed Man...
ASG303 ETC-ASG303 Datasheet
187Kb / 6P
   DC-2500 MHz SiGe HBT Amplifier
ASG402 ETC1-ASG402 Datasheet
260Kb / 7P
   DC-3000 MHz SiGe HBT Amplifier
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
   DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
   DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
   DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
   DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com