Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7508-55A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7508-55A
Description  TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7508-55A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7508-55A Datasheet HTML 3Page - NXP Semiconductors BUK7508-55A Datasheet HTML 4Page - NXP Semiconductors BUK7508-55A Datasheet HTML 5Page - NXP Semiconductors BUK7508-55A Datasheet HTML 6Page - NXP Semiconductors BUK7508-55A Datasheet HTML 7Page - NXP Semiconductors BUK7508-55A Datasheet HTML 8Page - NXP Semiconductors BUK7508-55A Datasheet HTML 9Page - NXP Semiconductors BUK7508-55A Datasheet HTML 10Page - NXP Semiconductors BUK7508-55A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
BUK7508-55A; BUK7608-55A
TrenchMOS™ standard level FET
Product data
Rev. 02 — 17 January 2002
7 of 14
9397 750 09091
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =VGS
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
Tj =25 °C; VDS =25V
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of
drain current; typical values.
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values.
03aa32
0
1
2
3
4
5
-60
0
60
120
180
Tj (
oC)
VGS(th)
(V)
max
min
typ
03aa35
10-6
10-5
10-4
10-3
10-2
10-1
02
46
VGS (V)
ID
(A)
max
typ
min
03nh42
0
20
40
60
0
2040
6080
100
ID (A)
gfs
(S)
03nh47
0
1000
2000
3000
4000
5000
6000
7000
10-2
10-1
1
10
102
VDS (V)
C
(pF)
Ciss
Coss
Crss


Similar Part No. - BUK7508-55A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK7508-55A ISC-BUK7508-55A Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7508-55A NEXPERIA-BUK7508-55A Datasheet
312Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 03 - 14 June 2010
logo
NXP Semiconductors
BUK7508-55A PHILIPS-BUK7508-55A_15 Datasheet
198Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03-14 June 2010
More results

Similar Description - BUK7508-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com