Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5016 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5016
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5016 Datasheet HTML 1Page - Cirrus Logic CS5016 Datasheet HTML 2Page - Cirrus Logic CS5016 Datasheet HTML 3Page - Cirrus Logic CS5016 Datasheet HTML 4Page - Cirrus Logic CS5016 Datasheet HTML 5Page - Cirrus Logic CS5016 Datasheet HTML 6Page - Cirrus Logic CS5016 Datasheet HTML 7Page - Cirrus Logic CS5016 Datasheet HTML 8Page - Cirrus Logic CS5016 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
CS5012A ANALOG CHARACTERISTICS (continued)
CS5012A
Parameter*
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
°C
Analog Input
Aperture Time
25
ns
Aperture Jitter
100
ps
Input Capacitance
(Note 4)
Unipolar Mode
CS5012A
Bipolar Mode
CS5012A
103
72
137
96
pF
pF
pF
pF
Conversion & Throughput
Conversion Time
(Notes 5 and 6)
7.2
µs
Acquisition Time
(Note 6)
2.5
2.8
µs
Throughput
(Note 6)
100
kSps
Power Supplies
DC Power Supply Currents
(Note 7)
IA+
IA-
D+
(CS5012A)
ID+
ID-
12
-12
3
6
-3
19
-19
6
7.5
-6
mA
mA
mA
mA
mA
Power Dissipation
(Note 7)
150
250
mW
Power Supply Rejection
(Note 8)
Positive Supplies
Negative Supplies
84
84
dB
dB
Notes: 4. Applies only in track mode. When converting or calibrating, input capacitance will not exceed 15 pF.
5. Measured from falling transition on HOLD to falling transition on EOC.
6. Conversion, acquisition, and throughput times depend on CLKIN, sampling, and calibration conditions.
The numbers shown assume sampling and conversion is synchronized with the CS5012A/14/16 ’s
conversion clock, interleave calibrate is disabled, and operation is from the full-rated, external clock.
Refer to the section
Conversion Time/Throughput for a detailed discussion of conversion timing.
7. All outputs unloaded. All inputs CMOS levels.
8. With 300 mV p-p, 1 kHz ripple applied to each analog supply separately in bipolar mode. Rejection
improves by 6 dB in the unipolar mode to 90 dB. Figure 13 shows a plot of typical power supply
rejection versus frequency.
CS5012A
DS14F8
2-9
CS5012A CS5014 CS5016
DS14F9
3


Similar Part No. - CS5016

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
CS5016-AL16 CIRRUS-CS5016-AL16 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
CS5016-AL32 CIRRUS-CS5016-AL32 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
CS5016-AP16 CIRRUS-CS5016-AP16 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
CS5016-AP32 CIRRUS-CS5016-AP32 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
More results

Similar Description - CS5016

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com