Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2536 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2536
Description  0.35 OHM Low-Voltage Dual SPDT Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2536 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2536 Datasheet HTML 1Page - Vishay Siliconix DG2536 Datasheet HTML 2Page - Vishay Siliconix DG2536 Datasheet HTML 3Page - Vishay Siliconix DG2536 Datasheet HTML 4Page - Vishay Siliconix DG2536 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DG2535/DG2536
Vishay Siliconix
New Product
Document Number: 72939
S-41967—Rev. B, 01-Nov-04
www.vishay.com
5
TEST CIRCUITS
FIGURE 2.
Break-Before-Make Interval
CL = 1 nF
Rgen
VOUT
COM
VIN = 0 − V+
IN
GND
V+
V+
+
NC or NO
FIGURE 3.
Charge Injection
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
90%
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
300 W
VINL
VINH
tr t 5 ns
tf t 5 ns
tD
Off
On
On
IN
DVOUT
VOUT
Q = DVOUT x CL
IN depends on switch configuration: input polarity
determined by sense of switch.
FIGURE 4.
Off-Isolation
FIGURE 5.
Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+
IN
GND
NC or NO
0V, 2.4 V
10 nF
COM
Off Isolation + 20 log
VCOM
VNO NC
RL
Analyzer
V+
V+
COM
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?72939.


Similar Part No. - DG2536

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2536 VISHAY-DG2536 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG2536DN-T1-E4 VISHAY-DG2536DN-T1-E4 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG2536DQ-T1-E3 VISHAY-DG2536DQ-T1-E3 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
More results

Similar Description - DG2536

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com