Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5016-BL16Z Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5016-BL16Z
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016-BL16Z Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5016-BL16Z Datasheet HTML 4Page - Cirrus Logic CS5016-BL16Z Datasheet HTML 5Page - Cirrus Logic CS5016-BL16Z Datasheet HTML 6Page - Cirrus Logic CS5016-BL16Z Datasheet HTML 7Page - Cirrus Logic CS5016-BL16Z Datasheet HTML 8Page - Cirrus Logic CS5016-BL16Z Datasheet HTML 9Page - Cirrus Logic CS5016-BL16Z Datasheet HTML 10Page - Cirrus Logic CS5016-BL16Z Datasheet HTML 11Page - Cirrus Logic CS5016-BL16Z Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
SWITCHING CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ±10%;
VA-, VD- = -5V
±10%; Inputs: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF, BW = VD+)
Parameter
Symbol
Min
Typ
Max
Units
CS5012A CLKIN Frequency:
Internally Generated:
Externally Supplied:
-7
fCLK
1.75
100 kHz
-
-
-
6.4
MHz
MHz
CS5014/5016 CLKIN Frequency:
Internally Generated:
-14, -16
-14, -32
Externally Supplied:
-14, -16
-14, -32
fCLK
1.75
1
100 kHz
100 kHz
-
-
-
-
-
-
4
2
MHz
MHz
MHz
MHz
CLKIN Duty Cycle
40
-
60
%
Rise Times:
Any Digital Input
Any Digital Output
trise
-
-
-
20
1.0
-
µs
ns
Fall Times:
Any Digital Input
Any Digital Output
tfall
-
-
-
20
1.0
-
µs
ns
HOLD Pulse Width
thpw
1/fCLK+50
-
tc
ns
Conversion Time:
CS5012A
CS5014
CS5016
tc
49/fCLK+50
57/fCLK
65/fCLK
-
-
-
53/fCLK+235
61/fCLK+235
69/fCLK+235
ns
ns
ns
Data Delay Time
tdd
-
40
100
ns
EOC Pulse Width
(Note 11)
tepw
4/fCLK-20
-
-
ns
Set Up Times:
CAL, INTRLV to CS Low
A0 to CS and RD Low
tcs
tas
20
20
10
10
-
-
ns
ns
Hold Times:
CS or RD High to A0 Invalid
CS High to CAL, INTRLV Invalid
tah
tch
50
50
30
30
-
-
ns
ns
Access Times:
CS Low to Data Valid
RD Low to Data Valid
tca
tra
-
-
90
90
120
120
ns
ns
Output Float Delay:
CS or RD High to Output Hi-Z
tfd
-
90
110
ns
Serial Clock
Pulse Width Low
Pulse Width High
tpwl
tpwh
-
-
2/fCLK
2/fCLK
-
-
ns
ns
Set Up Times:
SDATA to SCLK Rising
tss
2/fCLK-50
2/fCLK
-
ns
Hold Times:
SCLK Rising to SDATA
tsh
2/fCLK-100
2/fCLK
-
ns
Notes: 11. EOC remains low 4 CLKIN cycles if CS and RD are held low. Otherwise, it returns high
within 4 CLKIN cycles from the start of a data read operation or a conversion cycle.
CS5012A, CS5014, CS5016
2-14
DS14F8
CS5012A CS5014 CS5016
8
DS14F9


Similar Part No. - CS5016-BL16Z

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5016-BL16 CIRRUS-CS5016-BL16 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
More results

Similar Description - CS5016-BL16Z

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com